Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-60APF10PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-60APF10PBF
Description  Fast Soft Recovery Rectifier Diode, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-60APF10PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-60APF10PBF Datasheet HTML 1Page - Vishay Siliconix VS-60APF10PBF Datasheet HTML 2Page - Vishay Siliconix VS-60APF10PBF Datasheet HTML 3Page - Vishay Siliconix VS-60APF10PBF Datasheet HTML 4Page - Vishay Siliconix VS-60APF10PBF Datasheet HTML 5Page - Vishay Siliconix VS-60APF10PBF Datasheet HTML 6Page - Vishay Siliconix VS-60APF10PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-60.PF1.PbF Series, VS-60.PF1.-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 20-Oct-11
1
Document Number: 93721
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Soft Recovery Rectifier Diode, 60 A
FEATURES
• 150 °C max. operating junction temperature
• Low forward voltage drop and short reverse
recovery time
• Designed
and
qualified
according
to
JEDEC-JESD47
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21
definition (-M3 only)
APPLICATIONS
These devices are intended for use in output rectification
and freewheeling in inverters, choppers and converters as
well as in input rectification where severe restrictions on
conducted EMI should be met.
DESCRIPTION
The VS-60EPF1... and VS-60APF1... soft recovery rectifier
series has been optimized for combined short reverse
recovery time and low forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
PRODUCT SUMMARY
Package
TO-247AC modified (2 pins), TO-247AC
IF(AV)
60 A
VR
1000 V, 1200 V
VF at IF
1.4 V
IFSM
700 A
trr
95 ns
TJ max.
150 °C
Diode variation
Single die
Snap factor
0.6
TO-247AC modified
TO-247AC
VS-60APF1...
VS-60EPF1...
2
1
3
Cathode
Anode
2, 4
Anode
1
Anode
3
Base
common
cathode
Base
common
cathode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
1000 to 1200
V
IF(AV)
Sinusoidal waveform
60
A
IFSM
700
trr
1 A, - 100 A/μs
95
ns
VF
30 A, TJ = 25 °C
1.2
V
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
VS-60EPF10PbF, VS-60APF10PbF
VS-60EPF10-M3, VS-60APF10-M3
1000
1100
8
VS-60EPF12PbF, VS-60APF12PbF
VS-60EPF12-M3, VS-60APF12-M3
1200
1300


Similar Part No. - VS-60APF10PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60APF02-M3 VISHAY-VS-60APF02-M3 Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
VS-60APF02PbF VISHAY-VS-60APF02PbF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
VS-60APF04-M3 VISHAY-VS-60APF04-M3 Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
VS-60APF04PbF VISHAY-VS-60APF04PbF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
VS-60APF06-M3 VISHAY-VS-60APF06-M3 Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
More results

Similar Description - VS-60APF10PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
60EPF10PBF VISHAY-60EPF10PBF Datasheet
284Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60PF0-M3 VISHAY-VS-60PF0-M3 Datasheet
215Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-60EPF0.PBF VISHAY-VS-60EPF0.PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF02PBF VISHAY-60EPF02PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60EPF0PBF VISHAY-VS-60EPF0PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF60CPF VISHAY-60EPF60CPF Datasheet
194Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
18-Jul-08
VS-60PF1-M3 VISHAY-VS-60PF1-M3 Datasheet
220Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com