Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40HFR160M Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 40HFR160M
Description  Standard Recovery Diodes, (Stud Version), 40 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40HFR160M Datasheet(HTML) 8 Page - Vishay Siliconix

  40HFR160M Datasheet HTML 1Page - Vishay Siliconix 40HFR160M Datasheet HTML 2Page - Vishay Siliconix 40HFR160M Datasheet HTML 3Page - Vishay Siliconix 40HFR160M Datasheet HTML 4Page - Vishay Siliconix 40HFR160M Datasheet HTML 5Page - Vishay Siliconix 40HFR160M Datasheet HTML 6Page - Vishay Siliconix 40HFR160M Datasheet HTML 7Page - Vishay Siliconix 40HFR160M Datasheet HTML 8Page - Vishay Siliconix 40HFR160M Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 95344
2
Revision: 29-Sep-08
Outline Dimensions
Vishay Semiconductors
DO-203AB (DO-5) for 40HF(R)
and 41HF(R) Series
DIMENSIONS FOR 41HF(R) SERIES in millimeters (inches)
11 (0.43) MAX.
Ø 6.3 (0.25) MAX.
118.5 (4.67)
MAX.
107 (4.21)
MAX.


Similar Part No. - 40HFR160M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40HFR160M IRF-40HFR160M Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
40HFR160M VISHAY-40HFR160M Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
logo
Naina Semiconductor ltd...
40HFR160M NAINA-40HFR160M Datasheet
77Kb / 1P
   SILICON POWER DIODES
logo
New Jersey Semi-Conduct...
40HFR160M NJSEMI-40HFR160M Datasheet
123Kb / 4P
   STANDARD RECOVERY DIODES
More results

Similar Description - 40HFR160M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
40HFR VISHAY-40HFR Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
VS-40HFR VISHAY-VS-40HFR_V01 Datasheet
169Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com