Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC189ASK.TRT Datasheet(PDF) 6 Page - Semicoa Semiconductor

Part # SC189ASK.TRT
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

SC189ASK.TRT Datasheet(HTML) 6 Page - Semicoa Semiconductor

Back Button SC189ASK.TRT Datasheet HTML 2Page - Semicoa Semiconductor SC189ASK.TRT Datasheet HTML 3Page - Semicoa Semiconductor SC189ASK.TRT Datasheet HTML 4Page - Semicoa Semiconductor SC189ASK.TRT Datasheet HTML 5Page - Semicoa Semiconductor SC189ASK.TRT Datasheet HTML 6Page - Semicoa Semiconductor SC189ASK.TRT Datasheet HTML 7Page - Semicoa Semiconductor SC189ASK.TRT Datasheet HTML 8Page - Semicoa Semiconductor SC189ASK.TRT Datasheet HTML 9Page - Semicoa Semiconductor SC189ASK.TRT Datasheet HTML 10Page - Semicoa Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.semtech.com
© 2009 Semtech Corp.
6
SC189
Typical Characteristics (continued)
Circuit Conditions: C
IN= 10uF/6.3V; COUT= 10uF/6.3V for L=2.2uH; COUT= 22uF/6.3V for L=1uH.
Unless otherwise noted, L= 2.2uH (TOKO: 1071AS-2R2M) and SC189 in MLPD-UT6 package.
Efficiency vs. Load Current (V
OUT=1.5V, SOT23-5)
Total Loss vs. Load Current (V
OUT=1.5V, SOT23-5)
Efficiency vs. Load Current (V
OUT=3.3V, SOT23-5)
Efficiency vs. Load Current (SOT23-5)
Efficiency vs. Load Current (SOT23-5)
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.3
0.6
0.9
1.2
1.5
Output Current (A)
VOUT= 1.50V
TA=25°C
VIN= 5.0V
VIN= 3.3V
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.3
0.6
0.9
1.2
1.5
Output Current (A)
VOUT= 3.30V
TA=25°C
VIN= 5.0V
VIN= 4.0V
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.3
0.6
0.9
1.2
1.5
Output Current (A)
VIN= 5.0V
VOUT= 1.0V
TA=25°C
L=1071AS-1R0 (33m
_typ)
L=1071AS-2R2 (50m
_typ)
L=LQM2HPN1R0MG0 (55m
_typ)
L=MDT2520-CR1R0 (60m
_typ)
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.3
0.6
0.9
1.2
1.5
Output Current (A)
VIN= 5.0V
VOUT= 3.3V
TA=25°C
L=1071AS-1R0N (33m
_typ)
L=1071AS-2R2N (50m
_typ)
L=LQM2HP1R0MG0 (55m
_typ)
L=MDT2520-CR1R0M (60m
_typ)
Losses
0
200
400
600
800
0.0
0.3
0.6
0.9
1.2
1.5
Output Current (A)
VOUT= 3.30V
TA=25°C
VIN= 5.0V
VIN= 4.0V
Losses
0
200
400
600
800
0.0
0.3
0.6
0.9
1.2
1.5
Output Current (A)
VOUT= 1.50V
TA=25°C
VIN= 5.0V
VIN= 3.3V
Total Loss vs. Load Current (V
OUT=3.3V, SOT23-5)


Similar Part No. - SC189ASK.TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC189ASKTRT SEMTECH-SC189ASKTRT Datasheet
1Mb / 23P
   2.5MHz, 1.5A Synchronous Step Down Regulator
More results

Similar Description - SC189ASK.TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
   2.5MHz, 1.5A Synchronous Step Down Regulator
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
   2.5MHz, 2A Synchronous Step-Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
Linear Technology
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
Semtech Corporation
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
   Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC283 SEMTECH-SC283 Datasheet
1Mb / 20P
   Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com