Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


50YXF330MEFC10X20 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part No. 50YXF330MEFC10X20
Description  105℃ Long Life. Low impedance.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RUBYCON [RUBYCON CORPORATION]
Homepage  http://www.rubycon.com
Logo 

   
 1 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXF
SERIES
YXF
◆SPECIFICATIONS
Items
Characteristics
−40∼+105℃
6.3∼100V.DC
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater. 
(After 2 minutes)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
0.22
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
100
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below at 105℃, the capacitors shall meet the following requirements.
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃,
120Hz)
(120Hz)
105℃ Long Life. Low impedance.
Case Size
φD≧12.5
Life Time
(hrs)
8000
φD=8,10
6000
φD≦6.3
4000
6.3∼10WV
10000
7000
5000
16∼100WV
Rated Voltage
(V)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
8
6.3
6
10
4
16
3
25
3
35
3
50
3
4322222
63
3
2
100
φD
φd
F
α
5
0.5
2.0
6.3
2.5
8
3.5
L≦16 : α=1.5 L≧20 : α=2.0
10
0.6
5.0
12.5
18
16
0.8
7.5
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
◆PART NUMBER
□□□
Rated Voltage
YXF
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
(mm)
◆DIMENSIONS
◆OPTION
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
RoHS compliance.
◆FEATURES
Load Life : 105℃ 4000∼10000 hours.
Prescribe Impedance value at 100 kHz.
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
0.42
0.60
0.80
1.00
1∼10μF
0.55
0.75
0.90
1.00
22∼33μF
0.70
0.85
0.95
1.00
47∼330μF
0.75
0.90
0.98
1.00
470∼1000μF
0.80
0.95
1.00
1.00
2200∼15000μF
PET Sleeve
Code
EFC
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl