Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS8099 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS8099
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS8099 Datasheet(HTML) 2 Page - Motorola, Inc

  MPS8099 Datasheet HTML 1Page - Motorola, Inc MPS8099 Datasheet HTML 2Page - Motorola, Inc MPS8099 Datasheet HTML 3Page - Motorola, Inc MPS8099 Datasheet HTML 4Page - Motorola, Inc MPS8099 Datasheet HTML 5Page - Motorola, Inc MPS8099 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NPN MPS8098 MPS8099 PNP MPS8598 MPS8599
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc)
hFE
100
100
75
300
Collector – Emitter Saturation Voltage
(IC = 100 mAdc, IB = 5.0 mAdc)
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
0.4
0.3
Vdc
Base–Emitter On Voltage
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
MPS8098, MPS8598
(IC = 10 mAdc, VCE = 5.0 Vdc)
MPS8099, MPS8599
VBE(on)
0.5
0.6
0.7
0.8
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
150
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
MPS8098, MPS8099
MPS8598, MPS8599
Cobo
6.0
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MPS8098, MPS8099
MPS8598, MPS8599
Cibo
25
30
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle = 2.0%.
Figure 1. Switching Time Test Circuits
OUTPUT
TURN–ON TIME
–1.0 V
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0
mF
tr = 3.0 ns
0
+10 V
5.0
ms
OUTPUT
TURN–OFF TIME
+VBB
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0
mF
tr = 3.0 ns
5.0
ms
* Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities


Similar Part No. - MPS8099

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS8099 ONSEMI-MPS8099 Datasheet
112Kb / 8P
   Amplifier Transistors
September, 2001 ??Rev. 2
logo
Samsung semiconductor
MPS8099 SAMSUNG-MPS8099 Datasheet
32Kb / 1P
   NPN (AMPLIFIER TRANSISTOR)
logo
ON Semiconductor
MPS8099 ONSEMI-MPS8099 Datasheet
82Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 5
MPS8099 ONSEMI-MPS8099 Datasheet
89Kb / 7P
   Amplifier Transistors
April, 2007 ??Rev. 0
MPS8099 ONSEMI-MPS8099 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results

Similar Description - MPS8099

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com