Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDH3595 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDH3595
Description  High Conductance Low Leakage Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDH3595 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDH3595 Datasheet HTML 1Page - Fairchild Semiconductor FDH3595 Datasheet HTML 2Page - Fairchild Semiconductor FDH3595 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FDH3595
DO-35
High Conductance Low Leakage Diode
Sourced from Process 1M. See MMBD1501-1505 for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
WIV
Working Inverse Voltage
125
V
IO
Average Rectified Current
200
mA
IF
DC Forward Current
500
mA
if
Recurrent Peak Forward Current
600
mA
if(surge)
Peak Forward Surge Current
Pulse width = 1.0 second
Pulse width = 1.0 microsecond
1.0
4.0
A
A
Tstg
Storage Temperature Range
-65 to +175
°C
TJ
Operating Junction Temperature
175
°C
Symbol
Characteristic
Max
Units
MMBD7000*
PD
Total Device Dissipation
Derate above 25
°C
500
3.33
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Discrete POWER & Signal
Technologies
ã
1997 Fairchild Semiconductor Corporation


Similar Part No. - FDH3595

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH300 FAIRCHILD-FDH300 Datasheet
26Kb / 3P
   High Conductance Low Leakage Diode
FDH300 FAIRCHILD-FDH300 Datasheet
37Kb / 1P
   High Conductance Low Leakage Diodes
FDH300 FAIRCHILD-FDH300 Datasheet
235Kb / 9P
   High Conductance Low Leakage Diode
logo
New Jersey Semi-Conduct...
FDH300 NJSEMI-FDH300 Datasheet
49Kb / 1P
   HIGH CONDUCTANCE LOW LEAKAGE
logo
Fairchild Semiconductor
FDH300A FAIRCHILD-FDH300A Datasheet
26Kb / 3P
   High Conductance Low Leakage Diode
More results

Similar Description - FDH3595

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A_17 Datasheet
172Kb / 4P
   High conductance low leakage diode
logo
Diode Semiconductor Kor...
MMBD1501A DSK-MMBD1501A Datasheet
329Kb / 4P
   High conductance low leakage diode
logo
Guangdong Kexin Industr...
MMBD1701A KEXIN-MMBD1701A Datasheet
41Kb / 2P
   High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
FDLL3595 FAIRCHILD-FDLL3595 Datasheet
31Kb / 3P
   High Conductance, Low Leakage Diode
FDLL300A FAIRCHILD-FDLL300A Datasheet
235Kb / 9P
   High Conductance Low Leakage Diode
logo
National Semiconductor ...
FDLL456 NSC-FDLL456 Datasheet
38Kb / 2P
   High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
FLLD261 FAIRCHILD-FLLD261 Datasheet
51Kb / 5P
   HIGH CONDUCTANCE LOW LEAKAGE DIODE
FDLL485B FAIRCHILD-FDLL485B Datasheet
25Kb / 3P
   High Conductance, Low Leakage Diode
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A Datasheet
245Kb / 4P
   High conductance low leakage diode
logo
Shenzhen Luguang Electr...
MMBD1501A LUGUANG-MMBD1501A Datasheet
282Kb / 3P
   High Conductance Low Leakage Diode
logo
WILLAS ELECTRONIC CORP
MMBD1501A WILLAS-MMBD1501A Datasheet
393Kb / 4P
   High conductance low leakage diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com