Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP062-2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HSP062-2
Description  2-line ESD protection for high speed lines
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP062-2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HSP062-2 Datasheet HTML 3Page - STMicroelectronics HSP062-2 Datasheet HTML 4Page - STMicroelectronics HSP062-2 Datasheet HTML 5Page - STMicroelectronics HSP062-2 Datasheet HTML 6Page - STMicroelectronics HSP062-2 Datasheet HTML 7Page - STMicroelectronics HSP062-2 Datasheet HTML 8Page - STMicroelectronics HSP062-2 Datasheet HTML 9Page - STMicroelectronics HSP062-2 Datasheet HTML 10Page - STMicroelectronics HSP062-2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Recommendation on PCB assembly
HSP062-2
8/11
Doc ID 022778 Rev 1
4.2
Solder paste
1.
Halide-free flux qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste is recommended.
3.
Offers a high tack force to resist component movement during high speed.
4.
Solder paste with fine particles: powder particle size is 20-45 µm.
4.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering.
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
3.5 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is
recommended during solder paste printing, pick and place and reflow soldering by
using optimized tools.
4.4
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.


Similar Part No. - HSP062-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
269Kb / 12P
   2-line ESD protection for high speed lines
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
   2-line ESD protection for high speed lines
logo
TECH PUBLIC Electronics...
HSP061-2M6 TECHPUBLIC-HSP061-2M6 Datasheet
1Mb / 4P
   Low-Capacitance 2-Channel double Rail-to-Rail ESD-Protection
logo
STMicroelectronics
HSP061-2N4 STMICROELECTRONICS-HSP061-2N4 Datasheet
269Kb / 12P
   2-line ESD protection for high speed lines
More results

Similar Description - HSP062-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
   2-line ESD protection for high speed lines
HSP051-2W3Y STMICROELECTRONICS-HSP051-2W3Y Datasheet
776Kb / 12P
   Automotive 2-line ESD protection for high speed lines
July 2018 Rev 1
HSP061-2Y STMICROELECTRONICS-HSP061-2Y Datasheet
319Kb / 8P
   Automotive 2-line ESD protection for high speed lines
November 2014 Rev 2
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
   4-line ESD protection for high speed lines
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
   4-line ESD protection for high speed lines
November 2014 Rev 4
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
   4-line ESD protection for high speed lines
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
   4-line ESD protection for high speed lines
July 2014 Rev1
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
   4-line ESD protection for high speed lines
October 2013 Rev 2
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
   4-line ESD protection for high speed lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com