Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KST-0315A Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KST-0315A
Description  Photo Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KST-0315A Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KST-0315A Datasheet HTML 1Page - KODENSHI_AUK CORP. KST-0315A Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photo Transistor
Description
The KST-0315A is a high-sensitivity & surface mount type
silicon phototransistor. It’s ideal for various kinds of
optical transistor such as touch panels for C/D, ATM,
Car navigation system and even AV Instrument and
various types of disk driver.
Features
Compact and thin package
SMD type
Reflow soldering
RoHS & High reliability package
Applications
Touch screen for ATM
Touch screen for Car navigation system
Touch screen for FA equipment
AV instrument
Various types of disk driver
Absolute Maximum Ratings
[TA = 25 ]
*1 : MAX 10s
260
Parameter
-
Min.
Max.
Max.
-35
V
V
-20
Symbol
Collector-Emitter Voltage
VCEO
Collector Current
IC
85
Emitter-Collector Voltage
VECO
PC
Operating Temperature
Topr.
Collector Power Dissipation
-6
-
-30
Soldering Temperature*1
Tsol
Storage Temperature
Tstg.
75
-20
85
AUK CORP.
KST-0315A
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Pin Connection
1. Emitter
2. Collector


Similar Part No. - KST-0315A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KST-312 KODENSHI-KST-312 Datasheet
228Kb / 2P
   Photo transistors
logo
PHOENIX CONTACT
KST-POF PHOENIX-KST-POF Datasheet
50Kb / 2P
   Bend protection sleeve
More results

Similar Description - KST-0315A

ManufacturerPart #DatasheetDescription
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
   Photo Transistor
logo
Toshiba Semiconductor
TPS618 TOSHIBA-TPS618 Datasheet
196Kb / 4P
   PHOTO-TRANSISTOR
logo
Marktech Corporate
PT086N4 MARKTECH-PT086N4 Datasheet
254Kb / 1P
   Photo Transistor
MTD8060W MARKTECH-MTD8060W_2 Datasheet
175Kb / 2P
   Photo Transistor
MTD6000PT MARKTECH-MTD6000PT Datasheet
183Kb / 2P
   Photo Transistor
MTD6010A MARKTECH-MTD6010A Datasheet
82Kb / 2P
   PHOTO TRANSISTOR
MTD6160 MARKTECH-MTD6160 Datasheet
103Kb / 3P
   PHOTO TRANSISTOR?
MTD8000M3B-T MARKTECH-MTD8000M3B-T_15 Datasheet
570Kb / 3P
   Photo Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com