Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1540 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 5 Page - Texas Instruments

  ISO1540 Datasheet HTML 1Page - Texas Instruments ISO1540 Datasheet HTML 2Page - Texas Instruments ISO1540 Datasheet HTML 3Page - Texas Instruments ISO1540 Datasheet HTML 4Page - Texas Instruments ISO1540 Datasheet HTML 5Page - Texas Instruments ISO1540 Datasheet HTML 6Page - Texas Instruments ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ISO1540
ISO1541
www.ti.com
SLLSEB6B – JULY 2012 – REVISED MAY 2013
SWITCHING CHARACTERISTICS
Over recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3 V
≤ VCC1, VCC2 ≤ 3.6 V
See Figure 1
0.7 x VCC1 to 0.3 x VCC1
8
17
29
Output Signal Fall Time
tf1
R1 = 953 Ω,
ns
(SDA1, SCL1)
0.9 x VCC1 to 900 mV
16
29
48
C1 = 40 pF
See Figure 1
0.7 x VCC2 to 0.3 x VCC2
14
23
47
Output Signal Fall Time
tf2
R2 = 95.3 Ω,
ns
(SDA2, SCL2)
0.9 x VCC2 to 400 mV
35
50
100
C2 = 400 pF
Low-to-High Propagation
tpLH1-2
0.55 V to 0.7 x VCC2
33
65
ns
Delay, Side 1 to Side 2
High-to-Low Propagation
tPHL1-2
0.7 V to 0.4 V
90
181
ns
Delay, Side 1 to Side 2
Pulse Width Distortion
See Figure 1
PWD1-2
55
123
ns
|tpHL1-2 – tpLH1-2|
R1 = 953 Ω,
R2 = 95.3 Ω,
Low-to-High Propagation
tPLH2-1
(1)
0.4 x VCC2 to 0.7 x VCC1
47
68
ns
C1, C2 = 10 pF
Delay, Side 2 to Side 1
High-to-Low Propagation
tPHL2-1
(1)
0.4 x VCC2 to 0.9 V
67
109
ns
Delay, Side 2 to Side 1
Pulse Width Distortion
PWD2-1
(1)
20
49
ns
|tpHL2-1 – tpLH2-1|
See Figure 2;
Round-trip propagation
tLOOP1
(1)
R1 = 953 Ω, C1 = 40 pF
0.4 V to 0.3 x VCC1
100
165
ns
delay on Side 1
R2 = 95.3 Ω, C2 = 400 pF
4.5V
≤ VCC1, VCC2 ≤ 5.5V
See Figure 1
0.7 x VCC1 to 0.3 x VCC1
6
11
20
Output Signal Fall Time
tf1
R1 = 1430 Ω,
ns
(SDA1, SCL1)
0.9 x VCC1 to 900 mV
13
21
39
C1 = 40 pF
See Figure 1
0.7 x VCC2 to 0.3 x VCC2
10
18
35
Output Signal Fall Time
tf2
R2 = 143 Ω,
ns
(SDA2, SCL2)
0.9 x VCC2 to 400 mV
28
41
76
C2 = 400 pF
Low-to-High Propagation
tpLH1-2
0.55 V to 0.7 x VCC2
31
62
ns
Delay, Side 1 to Side 2
High-to-Low Propagation
tPHL1-2
0.7 V to 0.4 V
70
139
ns
Delay, Side 1 to Side 2
Pulse Width Distortion
See Figure 1
PWD1-2
38
80
ns
|tpHL1-2 – tpLH1-2|
R1 = 1430 Ω,
R2 = 143 Ω,
Low-to-High Propagation
tPLH2-1
(1)
0.4 x VCC2 to 0.7 x VCC1
55
80
ns
C1, 2 = 10 pF
Delay, Side 2 to Side 1
High-to-Low Propagation
tPHL2-1
(1)
0.4 x VCC2 to 0.9 V
47
85
ns
Delay, Side 2 to Side 1
Pulse Width Distortion
PWD2-1
(1)
8
21
ns
|tpHL2-1 – tpLH2-1|
See Figure 2;
Round-trip propagation
tLOOP1
(1)
R1 = 1430 Ω, C1 = 40 pF
0.4 V to 0.3 x VCC1
110
180
ns
delay on Side 1
R2 = 143 Ω, C2 = 400 pF
(1)
This parameter does not apply to the ISO1541 SCL1 line as it is uni-directional.
TIMING CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSP
Input Noise Filter
5
12
ns
See Figure 4
tUVLO
Time to recover from Undervoltage Lock-out
30
50
110
µs
2.7 V to 0.9 V
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO1540 ISO1541


Similar Part No. - ISO1540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
More results

Similar Description - ISO1540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
SI840X SILABS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com