Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7071 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE7071
Description  Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7071 Datasheet(HTML) 5 Page - Texas Instruments

  AFE7071_13 Datasheet HTML 1Page - Texas Instruments AFE7071_13 Datasheet HTML 2Page - Texas Instruments AFE7071_13 Datasheet HTML 3Page - Texas Instruments AFE7071_13 Datasheet HTML 4Page - Texas Instruments AFE7071_13 Datasheet HTML 5Page - Texas Instruments AFE7071_13 Datasheet HTML 6Page - Texas Instruments AFE7071_13 Datasheet HTML 7Page - Texas Instruments AFE7071_13 Datasheet HTML 8Page - Texas Instruments AFE7071_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AFE7071
www.ti.com
SLOS789C – MAY 2012 – REVISED JANUARY 2012
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, DAC sampling rate = 65 MSPS, DVDD18
= 1.8 V, CLKVDD18 = 1.8 V, DACVDD18 = 1.8 V, FUSEVDD18 = 1.8 V, IOVDD = 3.3 V, DACVDD33 = 3.3 V, MODVDD33 =
3.3 V, analog output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (D[13:0], IQ_FLAG, SDI, SCLK, SDENB, RESETB, SYNC_SLEEP, ALARM_SDO, CLK_IO)
IOVDD = 3.3 V
2.3
VIH
High-level input voltage
IOVDD = 2.5 V
1.75
V
IOVDD = 1.8 V
1.25
IOVDD = 3.3 V
1
VIL
Low-level input voltage
IOVDD = 2.5 V
0.75
V
IOVDD = 1.8 V
0.54
IIH
High-level input current
IOVDD = 3.3 V
–80
80
µA
IIL
Low-level input current
IOVDD = 3.3 V
–80
80
µA
Ci
Input capacitance
5
pF
fDAC
DAC sample rate
Interleaved data, fDAC = 1/2 × fINPUT
0
65
MSPS
fINPUT
Input data rate
Interleaved data, fINPUT = 2 × fDAC
0
130
MSPS
DIGITAL OUTPUTS (ALARM_SDO, SDIO, CLK_IO)
ILOAD = –100 µA
IOVDD – 0.2
V
VOH
High-level output voltage
ILOAD = –2 mA
0.8 × IOVDD
V
ILOAD = 100 µA
0.2
V
VOL
Low-level output voltage
ILOAD = 2 mA
0.22 × IOVDD
V
CLOCK INPUT (DACCLKP/DACCLKN)
DACCLKP/N duty cycle
40%
60%
DACCLKP/N differential voltage
0.4
1
V
Timing Parallel Data Input (D[13:0], IQ_FLAG, SYNC_SLEEP) – Dual Input Clock Mode
tSU
Input setup time
Relative to CLK_IO rising edge
1
0.2
ns
tH
Input hold time
Relative to CLK_IO rising edge
1
0.2
ns
tLPH
Input clock pulse high time
3
ns
Timing Parallel Data Input (D[13:0], IQ_FLAG, SYNC_SLEEP) – Dual Output Clock Mode
tSU
Input setup time
Relative to CLK_IO rising edge
1
0.2
ns
tH
Input hold time
Relative to CLK_IO rising edge
1
0.2
ns
Timing Parallel Data Input (D[13:0], IQ_FLAG, SYNC_SLEEP) – Single Differential DDR and SDR Clock Modes
tSU
Input setup time
Relative to DACCLKP/N rising edge
0
–0.8
ns
tH
Input hold time
Relative to DACCLKP/N rising edge
2
1.2
ns
Timing – Serial Data Interface
tS(SDENB)
Setup time, SDENB to rising edge of SCLK
20
ns
tS(SDIO)
Setup time, SDIO valid to rising edge of SCLK
10
ns
tH(SDIO)
Hold time, SDIO valid to rising edge of SCLK
5
ns
tSCLK
Period of SCLK
100
ns
tSCLKH
High time of SCLK
40
ns
tSCLKL
Low time of SCLK
40
ns
tD(DATA)
Data output delay after falling edge of SCLK
10
ns
tRESET
Minimum RESETB pulse duration
25
ns
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AFE7071


Similar Part No. - AFE7071_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7071IRGZR TI1-AFE7071IRGZR Datasheet
412Kb / 32P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7071IRGZT TI1-AFE7071IRGZT Datasheet
412Kb / 32P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
More results

Similar Description - AFE7071_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7070 TI1-AFE7070_16 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7070 TI-AFE7070_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7071 TI1-AFE7071 Datasheet
412Kb / 32P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com