Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDG6323 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDG6323
Description  Integrated Load Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6323 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDG6323 Datasheet HTML 1Page - Fairchild Semiconductor FDG6323 Datasheet HTML 2Page - Fairchild Semiconductor FDG6323 Datasheet HTML 3Page - Fairchild Semiconductor FDG6323 Datasheet HTML 4Page - Fairchild Semiconductor FDG6323 Datasheet HTML 5Page - Fairchild Semiconductor FDG6323 Datasheet HTML 6Page - Fairchild Semiconductor FDG6323 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDG6323L Rev.C
Typical Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
0
0.4
0.8
1.2
1.6
2
0
0.3
0.6
0.9
1.2
1.5
I ,(A)
L
V
= 5V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
T = 125°C
J
T = 25°C
J
0
0.4
0.8
1.2
1.6
2
0
0.3
0.6
0.9
1.2
1.5
I , (A)
L
V
= 2.5V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
T = 125°C
J
T = 25°C
J
0
2
4
6
8
10
0.2
0.4
0.6
0.8
1
V
, (V)
IN
I
= 1A
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
L
T = 125°C
J
T = 25°C
J
Figure 1. Conduction Voltage Drop
Variation with Load Current.
Figure 2. Conduction Voltage Drop
Variation with Load Current.
Figure 3. On-Resistance Variation
with Input Voltage.
Figure 4. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 2.
Transient thermal response will change depending on the circuit board design.
0.0001
0.001
0.01
0.1
1
10
100
200
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
T - T
= P * R
(t)
A
J
P(pk)
t1
t 2
θJA
R
(t) = r(t) * R
R
=415
°C/W
θJA
θJA
θJA


Similar Part No. - FDG6323

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6321 FAIRCHILD-FDG6321 Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
logo
VBsemi Electronics Co.,...
FDG6321C VBSEMI-FDG6321C Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
More results

Similar Description - FDG6323

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com