Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDG6321 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDG6321
Description  Dual N & P Channel Digital FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6321 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDG6321 Datasheet HTML 1Page - Fairchild Semiconductor FDG6321 Datasheet HTML 2Page - Fairchild Semiconductor FDG6321 Datasheet HTML 3Page - Fairchild Semiconductor FDG6321 Datasheet HTML 4Page - Fairchild Semiconductor FDG6321 Datasheet HTML 5Page - Fairchild Semiconductor FDG6321 Datasheet HTML 6Page - Fairchild Semiconductor FDG6321 Datasheet HTML 7Page - Fairchild Semiconductor FDG6321 Datasheet HTML 8Page - Fairchild Semiconductor FDG6321 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FDG6321C Rev. D
Typical Electrical Characteristics: N-Channel (continued)
Figure 10. Single Pulse Maximum Power
Dissipation.
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
0.1
1
2
5
10
25
40
0.01
0.02
0.05
0.1
0.2
0.5
1
3
V
, DRAI N-SOURCE VOLTAGE (V)
DS
DC
1s
100ms
10s
RDS(ON)
LIMIT
V
= 4.5V
SINGLE PULSE
R
= 415 °C/W
T = 25°C
GS
A
θJA
10ms
1ms
0.1
0.3
1
2
5
10
25
3
10
30
70
200
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0V
GS
Coss
Crss
0.0001
0.001
0.01
0.1
1
10
200
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=415°C/W
T = 25°C
θJA
A
0
0.4
0.8
1.2
1.6
2
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
I = 0.5A
D
10V
15V
V
= 5V
DS


Similar Part No. - FDG6321

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDG6321C VBSEMI-FDG6321C Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results

Similar Description - FDG6321

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com