Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P120P Datasheet(PDF) 3 Page - Bi technologies

Part # P120P
Description  12mm Rotary Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P120P Datasheet(HTML) 3 Page - Bi technologies

  P120P_08 Datasheet HTML 1Page - Bi technologies P120P_08 Datasheet HTML 2Page - Bi technologies P120P_08 Datasheet HTML 3Page - Bi technologies P120P_08 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model P120
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
July 18, 2008
page 3 of 4
BI technologies
Model P120K (Side Adjust, PCB pins, Single unit)
Model P120PK (Top Adjust, PCB pins, Single unit)
OUTLINE DRAWING


Similar Part No. - P120P_08

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P120PK BITECH-P120PK Datasheet
255Kb / 4P
   12mm Rotary Potentiometer Single/Dual Unit Conductive Plastic Element 100,000 Cycle Life Insulated shaft RoHS Compliant
More results

Similar Description - P120P_08

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
logo
Tyco Electronics
DP12 MACOM-DP12 Datasheet
206Kb / 3P
   12mm Rotary Encoder
logo
Bi technologies
EN12 BITECH-EN12_08 Datasheet
83Kb / 3P
   12mm Rotary Encoder
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC12E24H01 PRODUCTWELL-EC12E24H01 Datasheet
105Kb / 1P
   ROTARY POTENTIOMETER
R09A11VA1 PRODUCTWELL-R09A11VA1 Datasheet
124Kb / 2P
   ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01 Datasheet
133Kb / 2P
   ROTARY POTENTIOMETER
R24211AB1 PRODUCTWELL-R24211AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R24311CB2 PRODUCTWELL-R24311CB2 Datasheet
119Kb / 2P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com