Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE87C196MC Datasheet(PDF) 9 Page - Intel Corporation

Part # EE87C196MC
Description  8XC196MC INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EE87C196MC Datasheet(HTML) 9 Page - Intel Corporation

Back Button EE87C196MC Datasheet HTML 5Page - Intel Corporation EE87C196MC Datasheet HTML 6Page - Intel Corporation EE87C196MC Datasheet HTML 7Page - Intel Corporation EE87C196MC Datasheet HTML 8Page - Intel Corporation EE87C196MC Datasheet HTML 9Page - Intel Corporation EE87C196MC Datasheet HTML 10Page - Intel Corporation EE87C196MC Datasheet HTML 11Page - Intel Corporation EE87C196MC Datasheet HTML 12Page - Intel Corporation EE87C196MC Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
8XC196MC
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature
Under Bias
b
40 Cto a85 C
Storage Temperature
b
65 Cto a150 C
Voltage from EA or VPP
to VSS or ANGND
a
1300V
Voltage on VPP or EQ
to VSS or ANGND
b
05V to 130V
Voltage on Any Other Pin
to VSS or ANGND
b
05V to a70V(1)
Power Dissipation
15W(2)
NOTES
1 This includes VPP and EA on ROM or CPU only devices
2 Power dissipation is based on package heat transfer lim-
itations not device power consumption
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias
b
40
a
85
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
400
550
V
FOSC
Oscillator Frequency
8
16
MHz
NOTE
ANGND and VSS should be nominally at the same potential Also VSS and VSS1 must be at the same potential
DC ELECTRICAL CHARACTERISTICS (Over Specified Operating Conditions)
Symbol
Parameter
Min
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
03 VCC
V
VIH
Input High Voltage
07 VCC
VCC a 05
V
VOL
Output Low Voltage
03
V
IOL e 200 mA
Port 2 and 5 P66 P67
045
V
IOL e 32 mA
CLKOUT
15
V
IOL e 7mA
VOL1
Output Low Voltage on Port 34
10
V
IOL e 15 mA
VOL2
Output Low Voltage on
045
V
IOL e 10 mA
Port 60 – 65
VOH
Output High Voltage
VCC b 03
V
IOH eb200 mA
VCC b 07
V
IOH eb32 mA
VCC b 15
V
IOH eb7mA
Vtha –Vthb
Hysteresis Voltage Width on
02
V
Typical
RESET
9


Similar Part No. - EE87C196MC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EE87C196KB16 INTEL-EE87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLE
EE87C196KDH20 INTEL-EE87C196KDH20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
EE87C196NT INTEL-EE87C196NT Datasheet
1Mb / 31P
   Chmos microntroller
More results

Similar Description - EE87C196MC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C196MC INTEL-S80C196MC Datasheet
360Kb / 22P
   8XC196MC INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
N80C196MC INTEL-N80C196MC Datasheet
360Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EG87C196MC INTEL-EG87C196MC Datasheet
360Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
87C196MD INTEL-87C196MD Datasheet
1Mb / 25P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MC INTEL-8XC196MC Datasheet
321Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MD INTEL-8XC196MD Datasheet
325Kb / 25P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EE80C196MC INTEL-EE80C196MC Datasheet
360Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MH INTEL-8XC196MH Datasheet
1Mb / 41P
   INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
U87C196MH INTEL-U87C196MH Datasheet
436Kb / 41P
   8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
EG80C196MH INTEL-EG80C196MH Datasheet
436Kb / 41P
   8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com