Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC82GL40-SLB95 Datasheet(PDF) 7 Page - Intel Corporation

Part # AC82GL40-SLB95
Description  Intel짰 Celeron짰 Mobile Processor Dual-Core on 45-nm Process
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AC82GL40-SLB95 Datasheet(HTML) 7 Page - Intel Corporation

Back Button AC82GL40-SLB95 Datasheet HTML 3Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 4Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 5Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 6Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 7Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 8Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 9Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 10Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
Datasheet
7
Introduction
1
Introduction
This document provides electrical, mechanical, and thermal specifications for the
Intel® Celeron® Mobile Processor Dual-Core T1x00, Intel(R) Celeron Processors T3x00
and Intel(R) Celeron Dual-core SFF Processors. The processor supports the Mobile
Intel® 4 Series Express Chipset and Intel® 82801IBM (ICH9M) Controller-Hub Based
Systems.
Note:
In this document, the Celeron processor is referred to as the processor and Mobile
Intel® 4 Series Express Chipset family is referred to as the (G)MCH.
The following list provides some of the key features on this processor:
• Dual-Core processor for mobile with enhanced performance
• Intel architecture with Intel® Wide Dynamic Execution
• L1 Cache to Cache (C2C) transfer
• On-die, primary 32-KB instruction cache and 32-KB write-back data cache in each
core
• On-die, 1-MB second level shared cache with advanced transfer cache architecture
• Streaming SIMD Extensions 2 (SSE2), Streaming SIMD Extensions 3 (SSE3) and
Supplemental Streaming SIMD Extensions 3 (SSSE3)
• 667-MHz Source-Synchronous Front Side Bus (FSB) for the T1x00 Series, and 800-
MHz Source-Synchronous Front Side Bus (FSB) for the T3x00 Series processors
and SFF processors
• Digital Thermal Sensor (DTS)
• Intel® 64 Technology
• PSI2 functionality
• Execute Disable Bit support for enhanced security
• Half ratio support (N/2) for Core to Bus ratio
• Supports enhanced Intel® Virtualization Technology (SFF processor only)
• Intel® Deeper Sleep low-power state with P_LVL4 I/O Support (SFF processor
only)
• Advanced power management feature includes Enhanced Intel SpeedStep®
Technology (SFF processor only)


Similar Part No. - AC82GL40-SLB95

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AC82GL40 INTEL-AC82GL40 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
AC82GL40 INTEL-AC82GL40 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
More results

Similar Description - AC82GL40-SLB95

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X9000 INTEL-X9000 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
logo
AAEON Technology
COM-45GS AAEON-COM-45GS Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
logo
Advantech Co., Ltd.
MIC-5602 ADVANTECH-MIC-5602_1 Datasheet
382Kb / 2P
   Advanced Mezzanine Card Intel짰 45 nm Core??2 Duo Processor AMC
logo
Intel Corporation
T2700 INTEL-T2700 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
AAEON Technology
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
logo
Intel Corporation
BX80557430SL9XN INTEL-BX80557430SL9XN Datasheet
1Mb / 100P
   Intel짰 Celeron짰 Processor 400 Series
logo
Advantech Co., Ltd.
PPC-6170-Ri5AE ADVANTECH-PPC-6170-Ri5AE Datasheet
490Kb / 2P
   17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6150-Ri5AE ADVANTECH-PPC-6150-Ri5AE Datasheet
567Kb / 2P
   15" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com