Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82S-7727 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S82S-7727
Description  Miniature DIN Rail Mounting DC-DC Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82S-7727 Datasheet(HTML) 4 Page - Omron Electronics LLC

  S82S-7727 Datasheet HTML 1Page - Omron Electronics LLC S82S-7727 Datasheet HTML 2Page - Omron Electronics LLC S82S-7727 Datasheet HTML 3Page - Omron Electronics LLC S82S-7727 Datasheet HTML 4Page - Omron Electronics LLC S82S-7727 Datasheet HTML 5Page - Omron Electronics LLC S82S-7727 Datasheet HTML 6Page - Omron Electronics LLC S82S-7727 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
S82S
4
Engineering Data
■ Derating Curve
■ Overload Protection
The power supply is provided with an overload protection function
that protects the Power Supply from possible damage by overcurrent.
When the output current rises to 105% or higher of the rated current,
the protection function is triggered, automatically decreasing the
output voltage. When the output current falls within the rated range,
the overload protection function is automatically cleared.
The values shown in the above diagram are for reference only.
Note: Internal parts may occasionally deteriorate or be damaged if a
short-circuit or other overcurrent state continues during
operation. Eliminate the overcurrent state as soon as possible.
Dual Output Models
The total output power for the +V output and
−V output is detected for
the protection operation (i.e., total overcurrent protection), but this
condition varies depending on –V output status. –V output has an
independent short-circuit protection feature.
■ Inrush Current, Startup Time,
Hold Time
(A)
(B)
Note: The derating curve depends on the mounting direction
of the Power Supply
Standard Mounting
Face-up Mounting
−20 −10 0
10
20
30
40
50
60
70 80
120
100
80
60
40
20
0
Ambient temperature (
°C)
(B)
(A)
Output current (%)
100
50
0
90%
96.5%
Input ON
Inrush current on input application
100 ms (max.) startup time
Input OFF
AC
input
voltage
AC
input
current
Output
voltage
20 ms (min.)
hold time


Similar Part No. - S82S-7727

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S82S09 ETC1-S82S09 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S19 ETC1-S82S19 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S212 ETC-S82S212 Datasheet
97Kb / 3P
   2304 BIT BIPOLAR RAM
More results

Similar Description - S82S-7727

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSDN-480 WALL-PSDN-480 Datasheet
344Kb / 5P
   AC/DC DIN Rail Power Supplies
logo
RSG Electronic Componen...
KHEA120F-24 RSG-KHEA120F-24 Datasheet
354Kb / 4P
   AC-DC Power Supplies DIN Rail type
logo
MORNSUN Science& Techno...
LI120-13B12 MORNSUN-LI120-13B12 Datasheet
811Kb / 4P
   120W, AC/DC DIN-Rail mounting
logo
MicroPower Direct, LLC
PDRK-15 MPD-PDRK-15 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 15W AC/DC Power Supplies
MPDRK-30 MPD-MPDRK-30 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 30W AC/DC Power Supplies
logo
Power Mate Technology C...
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Axiomtek Co., Ltd.
DMA-050 AXIOMTEK-DMA-050 Datasheet
136Kb / 1P
   AC/DC-to-DC Din-rail power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com