Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VS-18024BE Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8VS-18024BE
Description  Greater Simplicity for Power Supply Visualization
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-18024BE Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8VS-18024BE Datasheet HTML 1Page - Omron Electronics LLC S8VS-18024BE Datasheet HTML 2Page - Omron Electronics LLC S8VS-18024BE Datasheet HTML 3Page - Omron Electronics LLC S8VS-18024BE Datasheet HTML 4Page - Omron Electronics LLC S8VS-18024BE Datasheet HTML 5Page - Omron Electronics LLC S8VS-18024BE Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Power rating
Input voltage
Output voltage
Output current
UL Class2 output Model number for screw terminal blocks
Standard Models without Indication Monitor
15W
30W
60W
90W
120W
180W
240W
480W
5V
12V
24V
5V
12V
24V
24V
2.0A
1.2A
0.65A
4.0A
2.5A
1.3A
2.5A
3.75A
5A
7.5A
10A
20A, Peak current:
30A (at 200 VAC)
100 to 240 VAC
S8VS-01505 *1
S8VS-01512
S8VS-01524
S8VS-03005 *2
S8VS-03012
S8VS-03024
S8VS-06024
S8VS-09024
S8VS-09024S
S8VS-12024
S8VS-18024
S8VS-24024
S8VS-48024
Model number screwless terminal blocks
S8VS-06024-F
S8VS-09024-F
S8VS-09024S-F
S8VS-12024-F
S8VS-18024-F
S8VS-24024-F
S8VS-48024-F
*DC input is supported for BE models only. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Ordering Information (For details on normal stock models, contact your nearest OMRON representative.)
Power rating
UL Class2 output
Input voltage
Output voltage
Output current
Alarm output
Model number for screw terminal blocks
Maintenance Forecast Monitor Models with Indication Monitor
60W
90W
120W
180W
240W
480W
2.5A
3.75A
5A
7.5A
10A
20A, Peak current:
30A (at 200 VAC)
100 to 240 VAC
(allowable range:
85 to 264 VAC)
24V
100 to 240 VAC
(allowable range:
85 to 264 VAC,
80 to 370 VDC*)
24V
S8VS-06024A
S8VS-09024A
S8VS-09024AS
S8VS-09024AP
S8VS-09024APS
S8VS-12024A
S8VS-12024AP
S8VS-18024A
S8VS-18024AP
S8VS-24024A
S8VS-24024AP
S8VS-48024A
S8VS-06024B
S8VS-09024BE
S8VS-09024BES
S8VS-09024B
S8VS-09024BS
S8VS-09024BP
S8VS-09024BPS
S8VS-12024BE
S8VS-12024B
S8VS-12024BP
S8VS-18024BE
S8VS-18024B
S8VS-18024BP
S8VS-24024BE
S8VS-24024B
S8VS-24024BP
S8VS-48024B
Sinking
Sinking
Sourcing
Sourcing
Sinking
Sourcing
Sinking
Sourcing
Sinking
Sourcing
Sinking/
sourcing
Model number screwless terminal blocks
Power rating
Input voltage
Output voltage
Output current
Alarm output UL Class2 output Model number for screw terminal blocks
Total Run Time Monitor Models with Indication Monitor
60W
90W
120W
180W
240W
480W
2.5A
3.75A
5A
7.5A
10A
20A, Peak current:
30A (at 200 VAC)
Sinking
Sinking
Sourcing
Sourcing
Sinking
Sourcing
Sinking
Sourcing
Sinking
Sourcing
Sinking/
sourcing
Model number screwless terminal blocks
S8VS-06024A-F
S8VS-09024A-F
S8VS-09024AS-F
S8VS-09024AP-F
S8VS-09024APS-F
S8VS-12024A-F
S8VS-12024AP-F
S8VS-18024A-F
S8VS-18024AP-F
S8VS-24024A-F
S8VS-24024AP-F
S8VS-48024A-F
S8VS-48024B-F
S8VS-06024B-F
S8VS-09024BE-F
S8VS-09024BES-F
S8VS-09024B-F
S8VS-09024BS-F
S8VS-09024BP-F
S8VS-09024BPS-F
S8VS-12024BE-F
S8VS-12024B-F
S8VS-12024BP-F
S8VS-18024BE-F
S8VS-18024B-F
S8VS-18024BP-F
S8VS-24024BE-F
S8VS-24024B-F
S8VS-24024BP-F
For details, refer to the S8VS Datasheet (Cat. No. T026-E1).
Greater Simplicity for Power Supply Visualization
New economic model with indication monitor.
Life expectancy:
10yrs.
Vibration resistance:
4.5 G
Switch Mode Power Supply
V
R
N E W
*1 The output capacity of the S8VS-01505 is 10 W. *2 The output capacity of the S8VS-03005 is 20 W.
Authorized Distributor:
In the interest of product improvement,
specifications are subject to change without notice.
© OMRON Corporation 2010-2011 All Rights Reserved.
OMRON Corporation
Industrial Automation Company
OMRON ELECTRONICS LLC
One Commerce Drive Schaumburg,
IL 60173-5302 U.S.A.
Tel: (1) 847-843-7900/Fax: (1) 847-843-7787
Regional Headquarters
OMRON EUROPE B.V.
Wegalaan 67-69-2132 JD Hoofddorp
The Netherlands
Tel: (31)2356-81-300/Fax: (31)2356-81-388
Contact: www.ia.omron.com
Tokyo, JAPAN
OMRON ASIA PACIFIC PTE. LTD.
No. 438A Alexandra Road # 05-05/08 (Lobby 2),
Alexandra Technopark,
Singapore 119967
Tel: (65) 6835-3011/Fax: (65) 6835-2711
OMRON (CHINA) CO., LTD.
Room 2211, Bank of China Tower,
200 Yin Cheng Zhong Road,
PuDong New Area, Shanghai, 200120, China
Tel: (86) 21-5037-2222/Fax: (86) 21-5037-2200
Cat. No. T046-E1-01
Printed in Japan
0111 (0111) (w)


Similar Part No. - S8VS-18024BE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-18024BE OMRON-S8VS-18024BE Datasheet
2Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VS-18024BE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD1002 ETC1-WD1002 Datasheet
1Mb / 11P
   Big-screen simplicity
logo
PHOENIX CONTACT
2737193 PHOENIX-2737193 Datasheet
69Kb / 5P
   Integrated web server for visualization with WebVisit
logo
Panasonic Semiconductor
JW2SNBDC12V PANASONIC-JW2SNBDC12V Datasheet
141Kb / 7P
   power relays for power supply
logo
Murata Manufacturing Co...
MPA1967A MURATA-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954G MURATA-PS-MPA1954G Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
   Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
MPA1948A MURATA-PS-MPA1948A Datasheet
624Kb / 8P
   Power Supply for LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com