Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM39B Datasheet(PDF) 6 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ZMM39B
Description  SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ZMM39B Datasheet(HTML) 6 Page - Gaomi Xinghe Electronics Co., Ltd.

  ZMM39B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ZMM39B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. ZMM39B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. ZMM39B Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. ZMM39B Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. ZMM39B Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd. ZMM39B Datasheet HTML 7Page - Gaomi Xinghe Electronics Co., Ltd. ZMM39B Datasheet HTML 8Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZMM1B...ZMM200B
10
o
10
Tj=25 C
Vz at Iz=5 mA
Iz=5 mA
1
1
2
10
4
3
5
23
4 5
100V
1
-5
23
Vz at Iz=5 mA
5
4
10
3
24 5
100V
ZMM...
5
Tj=25 C
3
2
5
4
10
7
2
Dynamic resistance
versus Zener voltage
100
rzj
5
4
3
7
10
0.1
3
2
5
4
2
3
5
4
1
Iz
24
3
2
10
7
2
5
7
3
4
rzj
Temperature dependence of Zener voltage
versus Zener voltage
o
0
5
10
15
25
20
Vz
Tj
mV/K
20mA
Iz=1mA
5mA
ZMM...
Vz
Tj
10mA
1
1
24
3
5
negative
5
3
2
4
10
2
4
3
2
rzth
10
5
rzth=RthA.Vz.
3
2
4
5
100V
Vz at Iz=5 mA
10
24
3
5
positive
ZMM...
Dynamic resistance
versus Zener current
3
Thermal differential resistance
versus Zener voltage
Valid provided that electrodes are kept
at ambient temperature
3
ZMM...
ZMM36B
39B
43B
47B+51B
XINGHE ELECTRONICS
星合电子


Similar Part No. - ZMM39B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMM39B DIOTEC-ZMM39B Datasheet
79Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMM39B SEMTECH_ELEC-ZMM39B Datasheet
454Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
ZMM39B DGNJDZ-ZMM39B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Diotec Semiconductor
ZMM39B DIOTEC-ZMM39B Datasheet
94Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM39B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com