Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQS24 Datasheet(PDF) 5 Page - Bi technologies

Part # NQS24
Description  Improved performance over silicon substrates in stray capacitance, frequency response and stability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

NQS24 Datasheet(HTML) 5 Page - Bi technologies

  NQS24 Datasheet HTML 1Page - Bi technologies NQS24 Datasheet HTML 2Page - Bi technologies NQS24 Datasheet HTML 3Page - Bi technologies NQS24 Datasheet HTML 4Page - Bi technologies NQS24 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Nichrome Resistor Networks
on Ceramic Substrates
NQS Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11.12
Ordering Information
NQS 24 A 1001 B
P LF 13
Model Series
No. of Leads:
16 = 16 Leads
20 = 20 Leads
24 = 24 Leads
Circuit Type:
A = Isolated
B = Bussed
Resistance Code
Packaging Option:
7 = 7” Embossed Tape, 1K/Reel
13 = 13” Embossed Tape, 2.5K/Reel
(No code used for Magazines.)
Lead Finish:
LF = Lead Free (RoHS)
TCR Code:
P = ±50ppm/°C
Q = ±25ppm/°C
(No code used for ±100ppm/°C.)
Accuracy Code: Resistance Tol./Ratio
A = 0.1%/0.05%
B = 0.1%/0.1%
D = 0.5%/0.1%
F = 1.0%/0.5%
G = 2.0%/1.0%
J = 5.0%/1.0%


Similar Part No. - NQS24

ManufacturerPart #DatasheetDescription
logo
Bi technologies
NQS24A1001BP13 BITECH-NQS24A1001BP13 Datasheet
82Kb / 5P
   .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
NQS24A1001BP7 BITECH-NQS24A1001BP7 Datasheet
82Kb / 5P
   .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
NQS24A1001BQ13 BITECH-NQS24A1001BQ13 Datasheet
82Kb / 5P
   .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
NQS24A1001BQ7 BITECH-NQS24A1001BQ7 Datasheet
82Kb / 5P
   .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
NQS24A1001DP13 BITECH-NQS24A1001DP13 Datasheet
82Kb / 5P
   .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
More results

Similar Description - NQS24

ManufacturerPart #DatasheetDescription
logo
Bi technologies
NQS16 BITECH-NQS16 Datasheet
263Kb / 5P
   Improved performance over silicon substrates in stray capacitance, frequency response and stability
NQS20 BITECH-NQS20 Datasheet
263Kb / 5P
   Improved performance over silicon substrates in stray capacitance, frequency response and stability
logo
TEMEX
RPT7050D TEMEX-RPT7050D Datasheet
245Kb / 2P
   Excellent frequency stability over temperature
RPT7050G TEMEX-RPT7050G Datasheet
256Kb / 2P
   Excellent frequency stability over temperature
logo
Ohmite Mfg. Co.
RES-RX1M OHMITE-RES-RX1M Datasheet
253Kb / 1P
   Improved voltage stability
logo
TEMEX
RMO1490A TEMEX-RMO1490A Datasheet
3Mb / 2P
   Frequency stability over temperature as low
logo
Unisonic Technologies
UCS1605SL-D08-T UTC-UCS1605SL-D08-T Datasheet
272Kb / 7P
   Frequency hopping for Improved EMI Performance
logo
Calogic, LLC
SD5300 CALOGIC-SD5300 Datasheet
35Kb / 3P
   Quad DMOS Analog Switch Driver Improved Performance Over SD5000N and SD5400CY
logo
Texas Instruments
LM306 TI1-LM306_14 Datasheet
313Kb / 15P
[Old version datasheet]   Fast Response Times Improved Gain and Accuracy
logo
Murata Manufacturing Co...
SCA61T MURATA-SCA61T Datasheet
565Kb / 17P
   Excellent stability over temperature and time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com