Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN12 Datasheet(PDF) 2 Page - Bi technologies

Part # EN12
Description  12mm Rotary Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

EN12 Datasheet(HTML) 2 Page - Bi technologies

  EN12_08 Datasheet HTML 1Page - Bi technologies EN12_08 Datasheet HTML 2Page - Bi technologies EN12_08 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model EN12
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
May 13, 2008
page 2 of 3
BI technologies
ENVIRONMENTAL
Operating Temperature Range
-30
°C to +85°C
Rotational Life
30,000 cycles
ORDERING INFORMATION2
Shaft Length Options
18 Length = 17.5mm
23 Length = 22.5mm
2
Contact our customer service for custom designs and features.
CIRCUIT DIAGRAM
EN12 - VS 1 1 A F 20
Model Series
Shaft Length “L” see below
Style
Bushing Length
A = 5mm
Flatted Shaft
Detents :
0 = No Detent
1= 12 Detents (for 12 pulses only)
2= 24 Detents (for 24 pulses only)
Pulses:
1=12 Pulses
2=24 Pulses


Similar Part No. - EN12_08

ManufacturerPart #DatasheetDescription
logo
Bi technologies
EN12-HN BITECH-EN12-HN Datasheet
75Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN12-HS BITECH-EN12-HS Datasheet
75Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN12-VN BITECH-EN12-VN Datasheet
75Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN12-VS BITECH-EN12-VS Datasheet
75Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN12-VS10AF20 BITECH-EN12-VS10AF20 Datasheet
621Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
More results

Similar Description - EN12_08

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP12 MACOM-DP12 Datasheet
206Kb / 3P
   12mm Rotary Encoder
DPL12 MACOM-DPL12 Datasheet
181Kb / 3P
   12mm Rotary Encoder with LED
logo
Bi technologies
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
   12mm Rotary Potentiometer
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
   Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
   Absolute Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
   11mm Rotary Encoder
logo
Pepperl+Fuchs Inc.
ENI58IL-S PF-ENI58IL-S Datasheet
1Mb / 6P
   Incremental rotary encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com