Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM2B2 Datasheet(PDF) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ZMM2B2
Description  SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ZMM2B2 Datasheet(HTML) 4 Page - Gaomi Xinghe Electronics Co., Ltd.

  ZMM2B2 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ZMM2B2 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. ZMM2B2 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. ZMM2B2 Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. ZMM2B2 Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. ZMM2B2 Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd. ZMM2B2 Datasheet HTML 7Page - Gaomi Xinghe Electronics Co., Ltd. ZMM2B2 Datasheet HTML 8Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZMM1B...ZMM200B
6
100
Admissible power dissipation
versus ambient temperature
Valid provided that electrodes are kept
at ambient temperature.
2
10
-3
0
-4
10
-5
10
10
-2
10
-1
10
i F
10
1
3
10
mA
0.6
0.4
0.2
VF
1 V
0.8
Tj=25 C
Tj=100 C
o
o
0
0
100
100
Tamb
200
Ptot
300
400
40
30
20
010
Forward characteristics
ZMM...
0
2
4
90
70
80
60
50
500
mW
Vz
o
200 C
V
ZMM...
Breakdown characteristics
Tj = constant (pulsed)
Test current Iz
5mA
Iz
8
10
mA
ZMM43B
ZMM39B
ZMM51B
ZMM...
Tj=25 C
o
ZMM47B
XINGHE ELECTRONICS
星合电子


Similar Part No. - ZMM2B2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZMM2B2 SEMTECH_ELEC-ZMM2B2 Datasheet
454Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
ZMM2B2 DGNJDZ-ZMM2B2 Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
More results

Similar Description - ZMM2B2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com