Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV-ADF4159EB3Z Datasheet(PDF) 3 Page - Analog Devices

Part # EV-ADF4159EB3Z
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-ADF4159EB3Z Datasheet(HTML) 3 Page - Analog Devices

  EV-ADF4159EB3Z Datasheet HTML 1Page - Analog Devices EV-ADF4159EB3Z Datasheet HTML 2Page - Analog Devices EV-ADF4159EB3Z Datasheet HTML 3Page - Analog Devices EV-ADF4159EB3Z Datasheet HTML 4Page - Analog Devices EV-ADF4159EB3Z Datasheet HTML 5Page - Analog Devices EV-ADF4159EB3Z Datasheet HTML 6Page - Analog Devices EV-ADF4159EB3Z Datasheet HTML 7Page - Analog Devices EV-ADF4159EB3Z Datasheet HTML 8Page - Analog Devices EV-ADF4159EB3Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADF4159
Rev. B | Page 3 of 36
SPECIFICATIONS
AVDD = VP = 2.7 V to 3.45 V, DVDD = SDVDD = 1.8 V, AGND = DGND = SDGND = CPGND = 0 V, fPFD = 110 MHz, TA = TMIN to TMAX,
dBm referred to 50 Ω, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency (RFIN)
0.5
13
GHz
−10 dBm min to 0 dBm max; for lower
frequencies, ensure a slew rate ≥ 400 V/µs
Prescaler Output Frequency
2
GHz
For higher frequencies, use 8/9 prescaler
REFERENCE CHARACTERISTICS
REFIN Input Frequency
10
260
MHz
−5 dBm min to +9 dBm max biased at
1.8/2 (ac coupling ensures 1.8/2 bias); for
frequencies < 10 MHz, use a dc-coupled,
CMOS-compatible square wave with a
slew rate > 25 V/µs
Reference Doubler Enabled
10
50
MHz
Bit DB20 in Register R2 set to 1
REFIN Input Capacitance
1.2
pF
REFIN Input Current
±100
µA
PHASE FREQUENCY DETECTOR (PFD)
Phase Detector Frequency2
110
MHz
CHARGE PUMP
ICP Sink/Source Current
Programmable
High Value
4.8
mA
RSET = 5.1 kΩ
Low Value
300
µA
Absolute Accuracy
2.5
%
RSET = 5.1 kΩ
RSET Range
4.59
5.1
5.61
kΩ
ICP Three-State Leakage Current
1
nA
Sink and source current
Sink and Source Matching
2
%
0.5 V < VCP < VP − 0.5 V
ICP vs. VCP
2
%
0.5 V < VCP < VP − 0.5 V
ICP vs. Temperature
2
%
VCP = VP/2
LOGIC INPUTS
Input High Voltage, VINH
1.4
V
Input Low Voltage, VINL
0.4
V
Input Current, IINH/IINL
±1
µA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
CMOS output selected
Output Low Voltage, VOL
0.3
V
IOL = 500 µA
Output High Current, IOH
100
µA
POWER SUPPLIES
AVDD
2.7
3.45
V
DVDD, SDVDD
1.62
1.8
1.98
V
VP
2.7
3.45
V
AIDD
26
40
mA
Supply current drawn by AVDD;
fPFD = 110 MHz
DIDD
7.5
10
mA
Supply current drawn by DVDD;
fPFD = 110 MHz
IP
5.5
7
mA
Supply current drawn by VP; fPFD = 110 MHz
Power-Down Mode
2
µA


Similar Part No. - EV-ADF4159EB3Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EV-ADF41510SD1Z AD-EV-ADF41510SD1Z Datasheet
2Mb / 29P
   10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
EV-ADF41510SD2Z AD-EV-ADF41510SD2Z Datasheet
2Mb / 29P
   10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
EV-ADF41513SD1Z AD-EV-ADF41513SD1Z Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
EV-ADF41513SD2Z AD-EV-ADF41513SD2Z Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
EV-ADF4153SD1Z AD-EV-ADF4153SD1Z Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results

Similar Description - EV-ADF4159EB3Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4169 AD-ADF4169 Datasheet
675Kb / 36P
   Direct Modulation/Fast Waveform Generating, Fractional-N Frequency Synthesizer
ADF4158 AD-ADF4158_18 Datasheet
561Kb / 35P
   Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
ADF4158 AD-ADF4158 Datasheet
455Kb / 36P
   Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4159 AD-ADF4159_14 Datasheet
653Kb / 36P
   Direct Modulation/Fast Waveform Generating,
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com