Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADIS16000AMLZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16000AMLZ
Description  Digital MEMS Vibration Sensor w/ Embedded RF Transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16000AMLZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16000AMLZ Datasheet HTML 7Page - Analog Devices ADIS16000AMLZ Datasheet HTML 8Page - Analog Devices ADIS16000AMLZ Datasheet HTML 9Page - Analog Devices ADIS16000AMLZ Datasheet HTML 10Page - Analog Devices ADIS16000AMLZ Datasheet HTML 11Page - Analog Devices ADIS16000AMLZ Datasheet HTML 12Page - Analog Devices ADIS16000AMLZ Datasheet HTML 13Page - Analog Devices ADIS16000AMLZ Datasheet HTML 14Page - Analog Devices ADIS16000AMLZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Preliminary Technical Data
ADIS16000/ADIS16229
Rev. PrA | Page 11 of 37
Table 9. User Register Memory Map, PAGE_ID = 0x0000
Register
Name
Access
Flash
Backup
Address
Default
Function
Reference
PAGE_ID
Read/write
N/A
0x00
0x0000
Page Identifier
NETWORK_ID
Read/write
Yes
0x02
1234
Network Identifier, unique to a network
FLASH_CNT
Read
Yes
0x04
N/A
Flash update counter
NW_ERROR_STAT
Read
No
0x06
0x0000
Network error indicators
TX_PWR_CTRL_G
Read/write
Yes
0x08
0x0000
Transmission power control, Gateway
RSSI_G
Read
No
0x0A
0x0000
Received signal strength
TEMP_OUT_G
Read
No
0x0C
0x8000
Output, temperature
SUPPLY_OUT_G
Read
No
0x0E
0x8000
Output, supply voltage
BEACON_SETUP
Read/write
Yes
0x10
0x0000
Beacon frequency
GLOB_CMD
Read/write
No
0x12
0x0000
System commands
CMD_DATA
Read/write
No
0x14
0x0000
Data to sensor nodes
PROD_ID
Read only
Yes
0x16
0x3E80
Product identifier, 16000
Reserved
N/A
No
0x18
N/A
Reserved
Reserved
N/A
No
0x1A
N/A
Reserved
Reserved
N/A
No
0x1C
N/A
Reserved
Reserved
N/A
No
0x1E
N/A
Reserved
Reserved
N/A
No
0x20
N/A
Reserved
Reserved
N/A
No
0x22
N/A
Reserved
LOT_ID1
Read only
No
0x24
N/A
Lot identifier 1
LOT_ID2
Read only
No
0x26
N/A
Lot identifier 2
Reserved
N/A
No
0x28
N/A
Reserved
GPO_CTRL
Read/write
Yes
0x2A
N/A
General-purpose output control


Similar Part No. - ADIS16000AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
   Dual-Axis 짹1.7 g Accelerometer with SPI Interface
REV. 0
ADIS16003 AD-ADIS16003 Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16003 AD-ADIS16003 Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16003/PCBZ AD-ADIS16003/PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16003CCCZ AD-ADIS16003CCCZ Datasheet
285Kb / 16P
   Dual-Axis 짹1.7 g Accelerometer with SPI Interface
REV. 0
More results

Similar Description - ADIS16000AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16220 AD-ADIS16220 Datasheet
233Kb / 16P
   Programmable Digital Vibration Sensor
Rev. PrE
logo
Knowles Electronics
V2S200D KNOWLES-V2S200D Datasheet
3Mb / 12P
   MULTIMODE DIGITAL VIBRATION SENSOR
Rev. 5
logo
Analog Devices
ADIS16228 AD-ADIS16228 Datasheet
747Kb / 28P
   Digital Triaxial Vibration Sensor
REV. B
ADIS16220 AD-ADIS16220_09 Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
logo
SiTime Corp.
SIT1252 SITIME-SIT1252 Datasheet
257Kb / 1P
   Embedded MEMS Resonator
logo
Pepperl+Fuchs Inc.
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
   Vibration sensor
2022-12-01
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
   Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
   Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
   Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
   Vibration sensor
2022-12-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com