Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADIS16229 Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16229
Description  Digital MEMS Vibration Sensor w/ Embedded RF Transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16229 Datasheet(HTML) 3 Page - Analog Devices

  ADIS16229 Datasheet HTML 1Page - Analog Devices ADIS16229 Datasheet HTML 2Page - Analog Devices ADIS16229 Datasheet HTML 3Page - Analog Devices ADIS16229 Datasheet HTML 4Page - Analog Devices ADIS16229 Datasheet HTML 5Page - Analog Devices ADIS16229 Datasheet HTML 6Page - Analog Devices ADIS16229 Datasheet HTML 7Page - Analog Devices ADIS16229 Datasheet HTML 8Page - Analog Devices ADIS16229 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Preliminary Technical Data
ADIS16000/ADIS16229
Rev. PrA | Page 3 of 37
SPECIFICATIONS
TA = −40°C to +125°C, VDD = 3.3 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ACCELEROMETERS (ADIS16229)
Measurement Range1
TA = 25°C
±18
g
Sensitivity, FFT
TA = 25°C, 0 g to 20 g range setting
0.3052
mg/LSB
Sensitivity, Time Domain
TA = 25°C
0.6104
mg/LSB
Sensitivity Error
TA = 25°C
±0.3
±6
%
Nonlinearity
With respect to full scale
±0.2
±1.25
%
Cross-Axis Sensitivity
4
%
Alignment Error
With respect to package mounting holes
2.3
Degrees
Offset Error
TA = 25°C
±0.01
±1
g
Offset Temperature Coefficient
2
mg/°C
Output Noise
TA = 25°C, 20.48 kHz sample rate, time domain
11
mg rms
Output Noise Density
TA = 25°C, 10 Hz to 1 kHz
0.248
mg/√Hz
Bandwidth
±5% flatness,2, see Figure 19
840
Hz
Sensor Resonant Frequency
5.5
kHz
LOGIC INPUTS3 (ADIS16000)
Input High Voltage, VINH
0.7 x VDD
V
Input Low Voltage, VINL
0.2xVDD
V
Input Leakage Current
All Except RST
TBD
μA
RST
−1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS3
Output High Voltage, VOH
ISOURCE = 1 mA
VDD-0.4
V
Output Low Voltage, VOL
ISINK = 1 mA
0.36
V
FLASH MEMORY
Endurance4
20,000
Cycles
Data Retention5
TJ = 85°C, see Figure 23
20
Years
START-UP TIME6
Initial Startup
ADIS16000
200
ms
ADIS16229
100
ms
Reset Recovery7
ADIS16000
200
ms
ADIS16229
50
ms
Sleep Mode Recovery
ADIS16229
2.3
ms
CONVERSION RATE
REC_CTRL1[11:8] = 0x1 (SR0 sample rate selection)
20
kSPS
Clock Accuracy
3
%
POWER SUPPLY
Operating voltage range, VDD
3.0
3.3
3.6
V
Power Supply Current, ADIS16229
Transmission mode, 10dBm, +25C
39
41
mA
Transmission mode, 10dBm, -40C to +85C
TBD
Transmission mode, -1dBm, +25C
18
TBD
mA
Transmission mode, -1dBm, -40C to +85C
TBD
Receive mode, +25C
20
TBD
mA
Receive mode, +40C to +85C
TBD
Data capture mode, no transceiver activity, +25C
7.2
Sleep mode, TA = 25°C
2.5
μA
Power Supply Current, ADIS16000
Transmission mode, 10dBm, +25C
37
mA
Transmission mode, -1dBm, +25C
18
mA
Receive mode, +25C
20
mA


Similar Part No. - ADIS16229

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16220 AD-ADIS16220 Datasheet
233Kb / 16P
   Programmable Digital Vibration Sensor
Rev. PrE
ADIS16220 AD-ADIS16220 Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
ADIS16220 AD-ADIS16220 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16220/PCBZ AD-ADIS16220/PCBZ Datasheet
233Kb / 16P
   Programmable Digital Vibration Sensor
Rev. PrE
ADIS16220/PCBZ AD-ADIS16220/PCBZ Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
More results

Similar Description - ADIS16229

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16220 AD-ADIS16220 Datasheet
233Kb / 16P
   Programmable Digital Vibration Sensor
Rev. PrE
logo
Knowles Electronics
V2S200D KNOWLES-V2S200D Datasheet
3Mb / 12P
   MULTIMODE DIGITAL VIBRATION SENSOR
Rev. 5
logo
Analog Devices
ADIS16228 AD-ADIS16228 Datasheet
747Kb / 28P
   Digital Triaxial Vibration Sensor
REV. B
ADIS16220 AD-ADIS16220_09 Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
logo
SiTime Corp.
SIT1252 SITIME-SIT1252 Datasheet
257Kb / 1P
   Embedded MEMS Resonator
logo
Pepperl+Fuchs Inc.
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
   Vibration sensor
2022-12-01
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
   Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
   Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
   Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
   Vibration sensor
2022-12-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com