Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4128DY-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4128DY-T1-E3
Description  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4128DY-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4128DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4128DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4128DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4128DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4128DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4128DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4128DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4128DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4128DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4128DY
New Product
Document Number: 69004
S-83089-Rev. C, 29-Dec-08
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Notebook PC
- System Power
- Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.024 at VGS = 10 V
10.9
3.8 nC
0.030 at VGS = 4.5 V
9.7
N-Channel MOSFET
G
D
S
D
S
D
D
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4128DY-T1-E3 (Lead (Pb)-free)
Si4128DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
S
S
Notes:
a. TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
10.9
A
TC = 70 °C
8.7
TA = 25 °C
7.5b, c
TA = 70 °C
6b, c
Pulsed Drain Current
IDM
30
Continuous Source-Drain Diode Current
TC = 25 °C
IS
4.2
TA = 25 °C
2b, c
Maximum Power Dissipation
TC = 25 °C
PD
5
W
TC = 70 °C
3.2
TA = 25 °C
2.4b, c
TA = 70 °C
1.5b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
42
53
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
19
25


Similar Part No. - SI4128DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Si4128DY-T1-E3 VISHAY-Si4128DY-T1-E3 Datasheet
257Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 29-Dec-08
logo
VBsemi Electronics Co.,...
SI4128DY-T1-E3 VBSEMI-SI4128DY-T1-E3 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - SI4128DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com