Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC37325DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37325DR
Description  Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC37325DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC37325DR Datasheet HTML 5Page - Texas Instruments UCC37325DR Datasheet HTML 6Page - Texas Instruments UCC37325DR Datasheet HTML 7Page - Texas Instruments UCC37325DR Datasheet HTML 8Page - Texas Instruments UCC37325DR Datasheet HTML 9Page - Texas Instruments UCC37325DR Datasheet HTML 10Page - Texas Instruments UCC37325DR Datasheet HTML 11Page - Texas Instruments UCC37325DR Datasheet HTML 12Page - Texas Instruments UCC37325DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
UCC37323
GND
1
2
3
4
INB
INA
7
6
5
8
OUTA
VDD
OUTB
INPUT
0.1 µF
CER
2.2 µF
VDD = 12 V
CLOAD
UCC27323, UCC27324, UCC27325
UCC37323, UCC37324, UCC37325
www.ti.com
SLUS492H – JUNE 2001 – REVISED MAY 2013
Parallel Outputs
The A and B drivers combine into a single driver by connecting the INA and INB inputs together and the OUTA
and OUTB outputs together. Then, a single signal controls the paralleled combination as shown in Figure 4.
Figure 4.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC27323 UCC27324 UCC27325 UCC37323 UCC37324 UCC37325


Similar Part No. - UCC37325DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37325D TI-UCC37325D Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC37325DGN TI-UCC37325DGN Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
More results

Similar Description - UCC37325DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com