Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2004ADE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2004ADE4
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004ADE4 Datasheet(HTML) 2 Page - Texas Instruments

  ULN2004ADE4 Datasheet HTML 1Page - Texas Instruments ULN2004ADE4 Datasheet HTML 2Page - Texas Instruments ULN2004ADE4 Datasheet HTML 3Page - Texas Instruments ULN2004ADE4 Datasheet HTML 4Page - Texas Instruments ULN2004ADE4 Datasheet HTML 5Page - Texas Instruments ULN2004ADE4 Datasheet HTML 6Page - Texas Instruments ULN2004ADE4 Datasheet HTML 7Page - Texas Instruments ULN2004ADE4 Datasheet HTML 8Page - Texas Instruments ULN2004ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
7C
6C
5C
4C
3C
2C
1C
COM
7
6
5
4
3
2
1
7B
6B
5B
4B
3B
2B
1B
10
11
12
13
14
15
16
9
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
ULN2002AN
ULN2002AN
PDIP – N
Tube of 25
ULN2003AN
ULN2003AN
ULN2004AN
ULN2004AN
Tube of 40
ULN2003AD
Reel of 2500
ULN2003ADR
ULN2003A
SOIC – D
Reel of 2500
ULN2003ADRG3
–20°C to 70°C
Tube of 40
ULN2004AD
ULN2004A
Reel of 2500
ULN2004ADRG3
ULN2003ANSR
ULN2003A
SOP – NS
Reel of 2000
ULN2004ANSR
ULN2004A
Tube of 90
ULN2003APW
TSSOP – PW
UN2003A
Reel of 2000
ULN2003APWR
ULQ2003AN
ULQ2003A
PDIP – N
Tube of 25
ULQ2004AN
ULQ2004AN
Tube of 40
ULQ2003AD
–40°C to 85°C
ULQ2003A
Reel of 2500
ULQ2003ADR
SOIC – D
Tube of 40
ULQ2004AD
ULQ2004A
Reel of 2500
ULQ2004ADR
SOP – NS
Reel of 2000
ULN2003AINSR
ULN2003AI
PDIP – N
Tube of 425
ULN2003AIN
ULN2003AIN
–40°C to 105°C
Tube of 40
ULN2003AID
SOIC – D
ULN2003AI
Reel of 2500
ULN2003AIDR
TSSOP – PW
Reel of 2500
ULN2003AIPWR
UN2003AI
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
LOGIC DIAGRAM
2
Submit Documentation Feedback
Copyright © 1976–2013, Texas Instruments Incorporated
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A


Similar Part No. - ULN2004ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2004ADE4 TI-ULN2004ADE4 Datasheet
513Kb / 19P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ADE4 TI-ULN2004ADE4 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ADE4 TI-ULN2004ADE4 Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2004ADE4 TI1-ULN2004ADE4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2004ADE4 TI1-ULN2004ADE4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - ULN2004ADE4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com