Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28086D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28086D
Description  8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28086D Datasheet(HTML) 5 Page - Texas Instruments

  UCC28086D Datasheet HTML 1Page - Texas Instruments UCC28086D Datasheet HTML 2Page - Texas Instruments UCC28086D Datasheet HTML 3Page - Texas Instruments UCC28086D Datasheet HTML 4Page - Texas Instruments UCC28086D Datasheet HTML 5Page - Texas Instruments UCC28086D Datasheet HTML 6Page - Texas Instruments UCC28086D Datasheet HTML 7Page - Texas Instruments UCC28086D Datasheet HTML 8Page - Texas Instruments UCC28086D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
UCC28083, UCC28084, UCC28085, UCC28086
UCC38083, UCC38084, UCC38085, UCC38086
SLUS488E − SEPTEMBER 2002 − REVISED JULY 2009
5
www.ti.com
functional block diagram
UDG−01081
Q
Q
T
+
8
2
3
4
7
6
5
1
CTRL
VDD
CS
ISET
GND
RT
OUTA
OUTB
0.75V
0.5V
1.5V
0.2V
SQ
R
SQ
R
0.5V
Vdd−1
VREF
SQ
R
ISLOPE
Css
Iss
SQ
R
Soft Start and Fault Latch
PWM Comparator/Latch
Output Driver
Oscillator
CS Circuitry
Slope Circuit
Bias/UVLO
ISLOPE =
5 x I SET
ICT
CT
1.5V
CT
80 k
60 k
0.3 V
Terminal Functions
TERMINAL
NAME
PACKAGE
I/O
DESCRIPTION
NAME
D OR P
I/O
DESCRIPTION
CS
3
I
The current-sense input to the PWM comparator, the cycle-by-cycle peak current comparator, and the
overcurrent comparator. The overcurrent comparator is only intended for fault sensing. Exceeding the
overcurrent threshold causes a soft-start cycle. An internal MOSFET discharges the current-sense filter
capacitor to improve dynamic performance of the power converter.
CTRL
1
I
Error voltage input to PWM comparator.
GND
5
Reference ground and power ground for all functions. Due to high currents, and high-frequency operation
of the IC, a low-impedance circuit board ground plane is highly recommended.
ISET
2
I
Current selection for slope compensation.
OUTA
7
O
Alternating high-current output stages.
OUTB
6
O
Alternating high-current output stages.
RT
4
I
Programs the oscillator.
VDD
8
I
Power input connection.


Similar Part No. - UCC28086D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28086 TI-UCC28086 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results

Similar Description - UCC28086D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com