Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC35701DG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC35701DG4
Description  Advanced Voltage Mode Pulse Width Modulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC35701DG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC35701DG4 Datasheet HTML 1Page - Texas Instruments UCC35701DG4 Datasheet HTML 2Page - Texas Instruments UCC35701DG4 Datasheet HTML 3Page - Texas Instruments UCC35701DG4 Datasheet HTML 4Page - Texas Instruments UCC35701DG4 Datasheet HTML 5Page - Texas Instruments UCC35701DG4 Datasheet HTML 6Page - Texas Instruments UCC35701DG4 Datasheet HTML 7Page - Texas Instruments UCC35701DG4 Datasheet HTML 8Page - Texas Instruments UCC35701DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
UCC15701/2
UCC25701/2
UCC35701/2
ABSOLUTE MAXIMUM RATINGS
Supply voltage (Supply current limited to 20mA) ........ 15V
Supply Current................................. 20mA
Input pins ( ILIM,VFF,RT,CT,VSCLAMP,SYNC,SS, FB) . . . 6V
Output Current (OUT) DC..................... +/–180mA
Output Current (OUT) Pulse (0.5ms) .............. +/–1.2A
Storage Temperature................... –65°C to +150°C
Junction Temperature ................... –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............ +300°C
Note: All voltages are with respect to GND. Currents are posi-
tive into the specified terminal. Consult Packaging Section of
the Databook for thermal limitations and considerations of
packages.
VREF
GND
SS
SYNC
CT
FB
VSCLAMP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ILIM
COUNT
VFF
RT
VDD
OUT
PGND
CONNECTION DIAGRAMS
DIL-14, SOIC-14, TSSOP-14 (TOP VIEW)
N or J, D, PW PACKAGE
ELECTRICAL CHARACTERISTICS:Unless otherwise specified, VDD = 11V, RT = 60.4k, CT = 330pF, CREF =CVDD =
0.1
m F, VFF = 2.0V, and no load on the outputs.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UVLO Section
Start Threshold
(UCCX5701)
12
13
14
V
(UCCX5702)
8.8
9.6
10.4
V
Stop Threshold
(UCCX5701)
8
9
10
V
(UCCX5702)
8.0
8.8
9.6
V
Hysteresis
(UCCX5701)
3
4
V
(UCCX5702)
0.3
0.8
V
Supply Current
Start-up Current
(UCCX5701) VDD = 11V, VDD Comparator Off
130
200
mA
(UCCX5702) VDD = 8V, VDD Comparator Off
120
190
mA
IDD Active
VDD Comparator On
0.75
1.5
mA
VDD Clamp Voltage
(UCCX5701) IDD = 10mA
13.5
14.3
15
V
(UCCX5702) IDD = 10mA
13
13.8
15
V
VDD Clamp – Start Threshold
(UCCX5701)
1.3
V
(UCCX5702)
4.2
V
Voltage Reference
VREF
VDD = 10V to 13V, IVREF = 0mA to 2mA
4.9
5
5.1
V
Line Regulation
VDD = 10V to 13V
20
mV
Load Regulation
IVREF = 0mA to 2mA
2
mV
Short Circuit Current
VREF = 0V, TJ = 25°C
20
50
mA
TA =TJ
UVLO
Option
Package
Part Number
–55°C to +125°C
13V / 9V
CDIP-14
UCC15701J
9.6V / 8.8V
CDIP-14
UCC15702J
–40°C to +85°C
13V/9V
SOIC-14
UCC25701D
PDIP-14
UCC25701N
TSSOP-14 UCC25701PW
9.6V / 8.8V
SOIC-14
UCC25702D
PDIP-14
UCC25702N
TSSOP-14 UCC25702PW
0°C to +70°C
13V/9V
SOIC-14
UCC35701D
PDIP-14
UCC35701N
TSSOP-14 UCC35701PW
9.6V / 8.8V
SOIC-14
UCC35702D
PDIP-14
UCC35702N
TSSOP-14 UCC35702PW
The D and PW packages are available taped and reeled. Add
TR suffix to the device type (e.g., UCC35701DTR).
ORDERING INFORMATION


Similar Part No. - UCC35701DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC35701DG4 TI1-UCC35701DG4 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
More results

Similar Description - UCC35701DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Seme LAB
IP1526A SEME-LAB-IP1526A Datasheet
69Kb / 6P
   ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
List of Unclassifed Man...
CM494 ETC-CM494 Datasheet
512Kb / 9P
   ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI-UCC25705 Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com