Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28084DG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC28084DG4
Description  8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28084DG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28084DG4 Datasheet HTML 4Page - Texas Instruments UCC28084DG4 Datasheet HTML 5Page - Texas Instruments UCC28084DG4 Datasheet HTML 6Page - Texas Instruments UCC28084DG4 Datasheet HTML 7Page - Texas Instruments UCC28084DG4 Datasheet HTML 8Page - Texas Instruments UCC28084DG4 Datasheet HTML 9Page - Texas Instruments UCC28084DG4 Datasheet HTML 10Page - Texas Instruments UCC28084DG4 Datasheet HTML 11Page - Texas Instruments UCC28084DG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
UCC28083, UCC28084, UCC28085, UCC28086
UCC38083, UCC38084, UCC38085, UCC38086
SLUS488E − SEPTEMBER 2002 − REVISED JULY 2009
8
www.ti.com
APPLICATION INFORMATION
The following application circuit shows an isolated 12-VIN to 2.5 VOUT push-pull converter with scalable output
power (20 W to 200 W). Note that the pinout shown is for SOIC-8 and PDIP-8 packages.
typical application
UDG−01084
UCC3808x
7 OUTA
6 OUTB
3CS
1
CTRL
4
RT
2
ISET
5
GND
8
VDD
CF
220 pF
RS
6
3
1
4
2
5
165
k
TL431
4.7
4.7
1
µ F
SR
DRIVE
VO= 2.2 V TO 3.3 V
ADJUSTABLE
VIN = 12 V
+/−20%V
RF 1 kΩ
RSET


Similar Part No. - UCC28084DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28084 TI-UCC28084 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results

Similar Description - UCC28084DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com