Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27424D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27424D
Description  Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27424D Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27424D Datasheet HTML 5Page - Texas Instruments UCC27424D Datasheet HTML 6Page - Texas Instruments UCC27424D Datasheet HTML 7Page - Texas Instruments UCC27424D Datasheet HTML 8Page - Texas Instruments UCC27424D Datasheet HTML 9Page - Texas Instruments UCC27424D Datasheet HTML 10Page - Texas Instruments UCC27424D Datasheet HTML 11Page - Texas Instruments UCC27424D Datasheet HTML 12Page - Texas Instruments UCC27424D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
E +
1
2
CV2
UCC27423, UCC27424, UCC27425
www.ti.com
SLUS545D – NOVEMBER 2002 – REVISED MAY 2013
Figure 6.
In a power driver operating at high frequency, it is a significant challenge to get clean waveforms without much
overshoot/undershoot and ringing. The low output impedance of these drivers produces waveforms with high
di/dt. This tends to induce ringing in the parasitic inductances. Utmost care must be used in the circuit layout. It is
advantageous to connect the driver IC as close as possible to the leads. The driver IC layout has ground on the
opposite side of the output, so the ground should be connected to the bypass capacitors and the load with
copper trace as wide as possible. These connections should also be made with a small enclosed loop area to
minimize the inductance.
VDD
Although quiescent VDD current is very low, total supply current will be higher, depending on OUTA and OUTB
current and the programmed oscillator frequency. Total VDD current is the sum of quiescent VDD current and the
average OUT current. Knowing the operating frequency and the MOSFET gate charge (Qg), average OUT
current can be calculated from:
IOUT = Qg × f, where f is frequency
For the best high-speed circuit performance, two VDD bypass capacitors are recommended tp prevent noise
problems. The use of surface mount components is highly recommended. A 0.1
μF ceramic capacitor should be
located closest to the VDD to ground connection. In addition, a larger capacitor (such as 1
μF) with relatively low
ESR should be connected in parallel, to help deliver the high current peaks to the load. The parallel combination
of capacitors should present a low impedance characteristic for the expected current levels in the driver
application.
Drive Current and Power Requirements
The UCC27423/4/5 family of drivers are capable of delivering 4A of current to a MOSFET gate for a period of
several hundred nanoseconds. High peak current is required to turn the device ON quickly. Then, to turn the
device OFF, the driver is required to sink a similar amount of current to ground. This repeats at the operating
frequency of the power device. A MOSFET is used in this discussion because it is the most common type of
switching device used in high frequency power conversion equipment.
References 1 and 2 discuss the current required to drive a power MOSFET and other capacitive-input switching
devices. Reference 2 includes information on the previous generation of bipolar IC gate drivers.
When a driver IC is tested with a discrete, capacitive load it is a fairly simple matter to calculate the power that is
required from the bias supply. The energy that must be transferred from the bias supply to charge the capacitor
is given by:
, where C is the load capacitor and V is the bias voltage feeding the driver.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27424D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27424D TI-UCC27424D Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424D TI1-UCC27424D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424D TI1-UCC27424D Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27424DG4 TI1-UCC27424DG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424DG4 TI1-UCC27424DG4 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
More results

Similar Description - UCC27424D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com