Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27423PE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC27423PE4
Description  Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423PE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27423PE4 Datasheet HTML 4Page - Texas Instruments UCC27423PE4 Datasheet HTML 5Page - Texas Instruments UCC27423PE4 Datasheet HTML 6Page - Texas Instruments UCC27423PE4 Datasheet HTML 7Page - Texas Instruments UCC27423PE4 Datasheet HTML 8Page - Texas Instruments UCC27423PE4 Datasheet HTML 9Page - Texas Instruments UCC27423PE4 Datasheet HTML 10Page - Texas Instruments UCC27423PE4 Datasheet HTML 11Page - Texas Instruments UCC27423PE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
UDG-01067
UCC27423
GND
1
2
3
4
INB
INA
7
6
5
8
OUTA
VDD
OUTB
INPUT
1
µF
CER
2.2
µF
VDD
ENBB
ENBA
CLOAD
UDG-01066
UCC27423
GND
1
2
3
4
INB
INA
7
6
5
8
OUTA
VDD
OUTB
INPUT
1
µF
CER
100
µF
AL EL
DSCHOTTKY
VDD
C2
1
µF
VSNS
RSNS
0.1
C3
100
µF
10
+
DADJ
5.5 V
ENBB
ENBA
UCC27423, UCC27424, UCC27425
SLUS545D – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
Figure 4.
Operational Waveforms and Circuit Layout
Figure 5 shows the circuit performance achievable with a single driver (1/2 of the 8-pin IC) driving a 10-nF load.
The input pulsewidth (not shown) is set to 300ns to show both transitions in the output waveform. Note the linear
rise and fall edges of the switching waveforms. This is due to the constant output current characteristic of the
driver as opposed to the resistive output impedance of traditional MOSFET-based gate drivers.
Figure 5.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27423PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423PE4 TI1-UCC27423PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27423PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com