Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2892PWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC2892PWRG4
Description  CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2892PWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC2892PWRG4 Datasheet HTML 1Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 2Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 3Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 4Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 5Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 6Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 7Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 8Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542F − OCTOBER 2003 − REVISED JULY 2009
4
www.ti.com
ELECTRICAL CHARACTERISTICS
VDD = 12 V(1), 1-µF capacitor from VDD to GND, 0.01-µF capacitor from VREF to GND, RON = ROFF = 75 kΩ, RDEL = 10 kΩ,
RSLOPE = 50 kΩ, −40 °C ≤ TA = TJ ≤ 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Reference
VREF
Reference voltage
TJ = 25°C
4.85
5.00
5.15
V
VREF
Reference voltage
0 A < IREF < 5 mA,
over temperature
4.75
5.00
5.25
V
ISC
Short circuit current
REF = 0 V,
TJ = 25°C
−20
−11
−8
mA
INTERNAL SLOPE COMPENSATION
m
Slope(3)
FB = High
-10%
R
CS
R
SLOPE
+10%
OSCILLATOR
fOSC
Oscillator frequency
TJ = 25°C
237
250
263
kHz
Total variation
−40
°C < TJ 125°C; 8.5 V < 14.5 V
225
270
kHz
Total variation
−40
°C < TJ 125°C; 8.5 V < 14.5 V
225
270
kHz
VP_P
Oscillator amplitude (peak-to-peak)
2
V
SYNCHRONIZATION
VSYNCH
SYNC theshold voltage
1.6
2.3
3.0
V
tDEL
SYNC-to-output delay
50
ns
PWM
Maximum duty cycle
66%
70%
74%
Minimum duty cycle
0%
PWM offset
CS = 0 V
0.43
0.50
0.61
V
CURRENT SENSE
VLVL
Current sense level shift voltage
0.40
0.50
0.60
VERR(max) Maximum voltage error (clamped)
4.8
5.0
5.2
VCS
Current sense threshold
UCC2891
UCC2893
0.71
0.75
0.79
V
VCS
Current sense threshold
UCC2892
UCC2894
1.23
1.27
1.31
(1) Set VDD above the start threshold before setting at 12 V.
(2) Does not include current of the external oscillator network.


Similar Part No. - UCC2892PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2892PW TI-UCC2892PW Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com