Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2892PWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC2892PWG4
Description  CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2892PWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC2892PWG4 Datasheet HTML 3Page - Texas Instruments UCC2892PWG4 Datasheet HTML 4Page - Texas Instruments UCC2892PWG4 Datasheet HTML 5Page - Texas Instruments UCC2892PWG4 Datasheet HTML 6Page - Texas Instruments UCC2892PWG4 Datasheet HTML 7Page - Texas Instruments UCC2892PWG4 Datasheet HTML 8Page - Texas Instruments UCC2892PWG4 Datasheet HTML 9Page - Texas Instruments UCC2892PWG4 Datasheet HTML 10Page - Texas Instruments UCC2892PWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542F − OCTOBER 2003 − REVISED JULY 2009
7
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
NAME
UCC2891
UCC2893
UCC2892
UCC2894
I/O
DESCRIPTION
AUX
12
12
O
This output drives the auxiliary clamp MOSFET which is turned on when the main PWM
switching device is turned off. The AUX pin can directly drive the auxiliary switch with 2-A
source turn-on current and 2-A sink turn-off current.
CS
7
7
I
This pin is used to sense the peak current utilized for current mode control and for current
limiting functions. The peak signal which can be applied to this pin before pulse-by-pulse
current limiting activates is approximately 0.75 V for the UCC2891 and UCC2893 and 1.27 V
for the UCC2892 and UCC2894.
FB
9
9
I
This pin is used to bring the error signal from an external optocoupler or error amplifier into
the PWM control circuitry. Often, there is a resistor tied from FB to VREF, and an optocoup-
ler is used to pull the control pin closer to GND to reduce the pulse width of the OUT output
driving the main power switch of the converter.
GND
6
6
This pin serves as the fundamental analog ground for the PWM control circuitry. This pin
should be connected to PGND directly at the device.
LINEOV
16
I
For the UCC2892/4, provides the LINE overvoltage function.
LINEUV
15
15
I
This pin provides a means to accurately enable/disable the power converter stage by moni-
toring the bulk input voltage or another parameter. When the circuit initially starts (or restarts
from a disabled condition), a rising input on LINEUV enables the outputs when the threshold
of 1.27 V is crossed. After the circuit is enabled, then a falling LINEUV signal disables the
outputs when the same threshold is reached. The hysteresis between the two levels is pro-
grammed using an internal current source.
OUT
13
13
O
This output pin drives the main PWM switching element MOSFET in an active clamp control-
ler. It can directly drive an N-channel device with 2-A source turn-on current and 2-A sink
turn-off current. A 10−k
Ω resistor is recommended to connect this pin to PGND.
PGND
11
11
The PGND should serve as the current return for the high-current output drivers OUT and
AUX. Ideally, the current path from the outputs to the switching devices, and back would be
as short as possible, and enclose a minimal loop area.
RSLOPE
8
8
I
A resistor connected from this pin to GND programs an internal current source that sets the
slope compensation ramp for the current mode control circuitry.
RTDEL
1
1
I
A resistor from this pin to GND programs the turn-on delay of the two gate drive outputs to
accommodate the resonant transitions of the active clamp power converter.
RTOFF
3
3
I
A resistor connected from this pin to GND programs an internal current source that dis-
charges the internal timing capacitor.
RTON
2
2
I
A resistor connected from this pin to GND programs an internal current source that charges
the internal timing capacitor.
SS/SD
10
10
I
A capacitor from SS/SD to ground is charged by an internal current source of IRTON to pro-
gram the soft-start interval for the controller. During a fault condition this capacitor is dis-
charged by a current source equal to IRTON.
SYNC
5
5
I
The SYNC pin serves as a unidirectional synchronization input for the internal oscillator. The
synchronization function is implemented such that the user programmable maximum duty
cycle (set by RTON and RTOFF) remains accurate during synchronized operation.
VDD
14
14
I
This is the power supply for the device. There should be a 1-
µF capacitor directly from VDD
to PGND. The capacitor value should be minimum 10 times greater than that on VREF.
PGND and GND should be connected externally and directly from PGND to GND.
VIN
16
I
For the UCC2891 and UCC2893, this pin is connected to the input power rail directly. Inside
the device, a high-voltage start-up device is utilized to provide the start-up current for the
controller until a bootstrap type bias rail becomes available.
VREF
4
4
O
This is the 5-V reference voltage that can be utilized for an external load of up to 5 mA.
Since this reference provides the supply rail for internal logic, it should be bypassed to
AGND as close as possible to the device. The VREF bias profile may not be monotonic
before VDD reached 5 V.


Similar Part No. - UCC2892PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2892PW TI-UCC2892PW Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com