Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3750DWTRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3750DWTRG4
Description  Source Ringer Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3750DWTRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3750DWTRG4 Datasheet HTML 4Page - Texas Instruments UCC3750DWTRG4 Datasheet HTML 5Page - Texas Instruments UCC3750DWTRG4 Datasheet HTML 6Page - Texas Instruments UCC3750DWTRG4 Datasheet HTML 7Page - Texas Instruments UCC3750DWTRG4 Datasheet HTML 8Page - Texas Instruments UCC3750DWTRG4 Datasheet HTML 9Page - Texas Instruments UCC3750DWTRG4 Datasheet HTML 10Page - Texas Instruments UCC3750DWTRG4 Datasheet HTML 11Page - Texas Instruments UCC3750DWTRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
UCC2750
UCC3750
Sine Reference Generator
The IC has a versatile low frequency sinewave reference
generator with low harmonic distortion and good fre-
quency accuracy. In its intended mode as shown in Fig.
5, the reference generator will take an input from a
32kHz crystal (connected between XTAL1 and XTAL2)
and generate a sine-wave at 20Hz, 25Hz or 50Hz based
on the programming of pins FS0 and FS1 (See Table 2).
If the crystal frequency is changed, the output frequen-
cies will be appropriately shifted. C-2 type Quartz crystals
(Epson makes available through DigiKey) are recom-
mended for this application. If the frequency accuracy is
not a major concern, the more common and less expen-
sive clock crystal (C-type) at 32.768kHz can be used with
a minor output frequency offset (20.5Hz instead of 20Hz).
Additionally, the XTAL1 input can be clocked at a desired
frequency to get a different set of output frequencies at
the sine-wave output (with divide ratios of 1600, 1280
and 640). The sine-wave output is centered around an in-
ternal reference of 3V. A capacitor from SINREF to GND
helps provide smoothing of the sine wave reference.
Recommended value is at least 0.01
µF and maximum of
0.1
µF. When FS0 and FS1 are both 1 (high), the sine ref-
erence is disabled and external sine-wave can be fed
into the SINREF pin. This signal should have the same
DC offset as the internal sine-wave (3V).
Reference and Error Amplifier
The recommended circuit connections for these circuits
are shown in Fig. 6. The sine-wave is added to a DC off-
set to create the composite reference signal for the error
amplifier. The DC reference can vary over a wide range.
For pure AC outputs it is zero, while in many common
applications, it is the talk battery voltage (–48V). The
UCC3750 accomplishes this task by summing the two
signals weighted by resisting R14 and R15. The output of
AMP1 also helps determine the mode of the circuit.
Referring to Fig. 6, the output of AMP1 is given by :
VOUT1 = 1+
R13
R14
+
R13
R26
•VCM –
R13
R26
•REF
(1)
R13
R14
•VB –
R13
R15
• VAC
In order to nullify the effect of VCM on this value, the ratio
of R26 to R14 should be made 1.5. With this ratio, the
equation becomes:
VOUT1 = VCM –
R13
R14
•VB –
R13
R15
• VAC
(2)
VOUT1 is the reference voltage that the second amplifier
(AMP2) uses to program the output voltage. Assuming
that Z4 is high DC impedance, the output voltage is de-
rived by summing the currents into pin 18. The output is
given as:
VO = 1+
R10
R27
+
R10
R12
•VCM
(3)
R10
R27
•REF –
R10
R12
•VOUT1
Again, if the ratio of R27 to R10 is made 1.5, the effect of
VCM is nullified and the output voltage becomes (after
substituting for VOUT1):
VO =
R10•R13
R12•R14
•VB +
R10•R13
R12•R15
• VAC
(4)
From equation 4, it can be seen that if the output voltage
DC value has to track VB directly, the following condition
should be forced:
R10 • R13 = R12 • R14
(5)
However, in some cases, this becomes impractical due
to large AC gain required form VAC to VO. Only a small
part of the gain can be accommodated in the first ampli-
fier stage due to its output voltage limitations. As a result,
the required resistance values become very high. This
APPLICATION INFORMATION (cont.)
Figure 5. Sine-wave generator.
Figure 6. Error amplifier setup.
UDG-96166-1
UDG-96167-1


Similar Part No. - UCC3750DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3750 TI-UCC3750 Datasheet
257Kb / 11P
[Old version datasheet]   Source Ringer Controller
More results

Similar Description - UCC3750DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2750 TI-UCC2750 Datasheet
257Kb / 11P
[Old version datasheet]   Source Ringer Controller
logo
Taiwan Semiconductor Co...
TS31002 TSC-TS31002 Datasheet
175Kb / 6P
   Tong Ringer
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
   Tone Ringer
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411_1 Datasheet
420Kb / 7P
   Tong Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
   TONE RINGER
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
   Tone Ringer
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
   Tone Ringer
logo
AUK corp
SL5001P-2P AUK-SL5001P-2P Datasheet
291Kb / 8P
   TONE RINGER
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411 Datasheet
174Kb / 6P
   Tong Ringer
logo
Hangzhou Youwang Electr...
UTC2411 YOUWANG-UTC2411 Datasheet
84Kb / 3P
   TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com