Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2891PWG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2891PWG4
Description  CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2891PWG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2891PWG4 Datasheet HTML 1Page - Texas Instruments UCC2891PWG4 Datasheet HTML 2Page - Texas Instruments UCC2891PWG4 Datasheet HTML 3Page - Texas Instruments UCC2891PWG4 Datasheet HTML 4Page - Texas Instruments UCC2891PWG4 Datasheet HTML 5Page - Texas Instruments UCC2891PWG4 Datasheet HTML 6Page - Texas Instruments UCC2891PWG4 Datasheet HTML 7Page - Texas Instruments UCC2891PWG4 Datasheet HTML 8Page - Texas Instruments UCC2891PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542F − OCTOBER 2003 − REVISED JULY 2009
3
www.ti.com
THERMAL RESISTANCE INFORMATION
PACKAGE
THERMAL RESISTANCE
UNITS
SOIC−16 (D)
θjc
36.9 to 38.4
°C/W
SOIC−16 (D)
θja (0 LFM)
73.1 to 111.6
°C/W
TSSOP−16 (PW)
θjc
33.6 to 35.0
°C/W
TSSOP−16 (PW)
θja (0 LFM)
108.4 to 147.0
°C/W
PIN ASSIGNMENTS
RTDEL
RTON
RTOFF
VREF
SYNC
GND
CS
RSLOPE
LINEOV
LINEUV
VDD
OUT
AUX
PGND
SS/SD
FB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
UCC2892 AND UCC2894
D AND PW PACKAGE
(TOP VIEW)
RTDEL
RTON
RTOFF
VREF
SYNC
GND
CS
RSLOPE
VIN
LINEUV
VDD
OUT
AUX
PGND
SS/SD
FB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
UCC2891 AND UCC2893
D and PW PACKAGEs
(TOP VIEW)
ELECTRICAL CHARACTERISTICS
VDD = 12 V(1), 1-µF capacitor from VDD to GND, 0.01-µF capacitor from VREF to GND, RON = ROFF = 75 kΩ, RDEL = 10 kΩ,
RSLOPE = 50 kΩ, −40 °C ≤ TA = TJ ≤ 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERALL
ISTARTUP Start-up current
VDD < VUVLO
300
500
µA
IDD
Operating supply current(1)(2)
VFB = 0 V,
VCS = 0 V,
Outputs not switching
2
3
mA
HIGH-VOLTAGE BIAS SECTION (UCC2891, UCC2893)
IDD−ST
VDD startup current
Current available from VDD during Start-
up, VIN = 36 V, TA = −40°C to 85°C (3)
4
11
mA
IVIN
JFET leakage current
VIN = 120 V; VDD = 14 V
75
µA
UNDERVOLTAGE LOCKOUT
Start threshold voltage(1)
12.2
12.7
13.2
Minimum operating voltage after start
7.6
8.0
8.4
V
Hysteresis
4.4
4.7
5.0
V
LINE MONITOR
VLINEUV Line UV and Line OV voltage threshold
1.243
1.268
1.293
V
ILINEHYS Line UV and Line OV hysteresis current
11.8
12.5
14.5
µA
SOFT-START
ISS
Charge current
RTON = 75 kΩ
−10.5
−18.5
A
ISS
Discharge current
RTON = 75 kΩ
10.5
18.5
µA
VSS/SD
Discharge/shutdown threshold voltage
0.4
0.5
0.6
V
(1) Set VDD above the start threshold before setting at 12 V.
(2) Does not include current of the external oscillator network.
(3) The power supply starts with IDD−ST load on VDD, part will start up with no load up to 125°C. For more detailed information, see pin descriptions
for VIN and VDD.
(4) ISSC and ISS/SD are directly proportional to IRON. See equation 7.


Similar Part No. - UCC2891PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891PW TI-UCC2891PW Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com