Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2750DWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC2750DWG4
Description  Source Ringer Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2750DWG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC2750DWG4 Datasheet HTML 1Page - Texas Instruments UCC2750DWG4 Datasheet HTML 2Page - Texas Instruments UCC2750DWG4 Datasheet HTML 3Page - Texas Instruments UCC2750DWG4 Datasheet HTML 4Page - Texas Instruments UCC2750DWG4 Datasheet HTML 5Page - Texas Instruments UCC2750DWG4 Datasheet HTML 6Page - Texas Instruments UCC2750DWG4 Datasheet HTML 7Page - Texas Instruments UCC2750DWG4 Datasheet HTML 8Page - Texas Instruments UCC2750DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
UCC2750
UCC3750
GD2: Output driver that controls the p-channel secondary
side switch in the flyback converter. The output signal on
this pin is PWM during mode 4 (Fig. 2) when the
reference signal is negative and power is being returned
to the input. This pin functions as a synchronous rectifier
output during mode 1 with positive reference signal and
positive power transfer. This output is logically inverted to
provide the correct polarity drive signal for a p-channel
switch.
GD3: Output driver that controls the n-channel secondary
side switch in the flyback converter. The output signal on
this pin is PWM during mode 2 (Fig. 2) when the
reference signal is positive and power is being returned
to the input. This pin functions as a synchronous rectifier
output during mode 3 with a negative reference signal
and positive power transfer.
GND: Reference point for the internal reference and all
thresholds. Also provides the signal return path for all
other pins.
NEG1: Inverting input of the buffer amplifier that acts as
a summing junction for the DC (battery) offset voltage
and sinewave reference.
NEG2: Inverting input of the error amplifier where the
ringer output voltage and the reference signal with the
desired
offset
are
applied
with
a
weighted
sum.
Feedback compensation is connected between NEG2
and OUT2.
NEGDC: Inverting input of the amplifier used for DC
current limiting.
OUT1: Output of the buffer amplifier that provides scaling
and filtering for the reference signal before feeding it into
the error amplifier. This output is also used internally to
select the PWM mode for the flyback converter.
OUT2: Output of the error amplifier. Used to connect
compensation components. This output’s absolute value
determines the duty cycle of the PWM pulse. The polarity
of this signal also determines the PWM mode.
OUTDC: Output of the DC current limit amplifier. The DC
current limit is activated when this pin is above 4.5V or
below 1.5V.
REF: Internal 7.5V reference. For best results, bypass to
GND with a ceramic capacitor(>0.1
µF).
RGOOD: Logic output that indicates that the error
amplifier output is within range (0< D< 0.5). This pin can
source upto 0.5mA of current.
RT: Resistor from RT to GND helps set the oscillator
frequency. RT programs the charge and discharge
currents of CT.
SINFLT: This signal is the buffered version of SINREF.
This signal is summed with the DC offset level with
appropriate scaling.
SINREF: This pin is the output of the sine-wave
reference generator. It has a high output impedance
(
≈25kΩ). A 0.01µF capacitor to GND is recommended to
provide smoothing of the sinewave. When FS0 and FS1
are both set high, the sine reference generator is
disabled allowing this pin to accept an external sinewave
input.
SWRLY: Logic output that leads the battery offset
crossings (by typically 5ms) to allow “zero voltage” relay
switching. This pin can typically source 250
µA.
XTAL1: Crystal connection for external crystal. This pin
can be also used to clock the internal sine wave
generator when XTAL2 is connected to VDD/2.
XTAL2: Crystal connection for external crystal.
VCP: External connection for charge pump storage
capacitor. A capacitance
≥2.2mF is recommended for
low charge pump output ripple. The voltage at this pin is
used by the output drivers for gate drive voltages.
Alternatively, a regulated gate drive voltage (>10V) can
be connected at this pin while leaving the charge pump
circuit at nodes VS1, VS2 disconnected.
VDD: External supply input used to bias internal logic
functions. Typically a regulated 5V supply is connected
between this pin and GND. It also is the input voltage for
the voltage tripler circuit to generate the gate drive
voltage.
VS1, VS2: Voltage switches for the voltage tripler
(charge pump circuit). They provide different voltage
levels to external capacitors in order to pump up the
voltage from VDD to VCP.
PIN DESCRIPTIONS (cont.)


Similar Part No. - UCC2750DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2750 TI-UCC2750 Datasheet
257Kb / 11P
[Old version datasheet]   Source Ringer Controller
UCC2750N TI-UCC2750N Datasheet
340Kb / 9P
[Old version datasheet]   Low Power Pulse Width Modulator
More results

Similar Description - UCC2750DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2750 TI-UCC2750 Datasheet
257Kb / 11P
[Old version datasheet]   Source Ringer Controller
logo
Taiwan Semiconductor Co...
TS31002 TSC-TS31002 Datasheet
175Kb / 6P
   Tong Ringer
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
   Tone Ringer
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411_1 Datasheet
420Kb / 7P
   Tong Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
   TONE RINGER
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
   Tone Ringer
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
   Tone Ringer
logo
AUK corp
SL5001P-2P AUK-SL5001P-2P Datasheet
291Kb / 8P
   TONE RINGER
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411 Datasheet
174Kb / 6P
   Tong Ringer
logo
Hangzhou Youwang Electr...
UTC2411 YOUWANG-UTC2411 Datasheet
84Kb / 3P
   TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com