Electronic Components Datasheet Search |
|
UCC28C44P Datasheet(PDF) 2 Page - Texas Instruments |
|
|
UCC28C44P Datasheet(HTML) 2 Page - Texas Instruments |
2 / 32 page UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45 UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45 SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010 2 www.ti.com recommended operating conditions MIN MAX UNIT Input voltage, VDD 18 V Output voltage range, VOUT 18 V Average output current, IOUTW 200 mA Reference output current, IOUT(ref)W --20 mA Operating junction temperature, TJW --40 105 °C ¶ It is not recommended that the device operate under conditions beyond those specified in this table for extended periods of time. absolute maximum ratings over operating free-air temperature (unless otherwise noted)}w Supply voltage (VDD) 20 V ...................................................................... (MAX ICC) 30 mA .................................................................. Output current, IOUT peak ±1A ................................................................... Output energy, capacitive load 5 μJ ............................................................... Voltage rating (COMP, CS, FB) --0.3 V to 6.3 V .................................................... (OUT) --0.3 V to 20 V ............................................................... (RT/CT) --0.3 V to 6.3 V ............................................................ (VREF) 7V ....................................................................... Error amplifier output sink current 10 mA .......................................................... Total Power Dissipation at TA =25°C: D package 50 °C/W .......................................... DGK package 120°C/W ...................................... P package 65°C/W .......................................... Operating junction temperature range, TJ --55°C to 150°C ........................................... Storage temperature range Tstg --65°C to 150°C .................................................... Lead Temperature (Soldering, 10 seconds) 300°C .................................................. ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. § All voltages are with respect to ground. Currents are positive into and negative out of the specified terminals. Consult the Packaging Section of the Databook for thermal limitations and considerations of the package. AVAILABLE OPTIONS TA =TJ MAXIMUM DUTY CYCLE UVLO ON/OFF SOIC--8 SMALL OUTLINE (D){ PDIP--8 PLASTIC DIP (P) MSOP--8 SMALL OUTLINE (DGK){ 14.5V / 9.0V UCC28C42D UCC28C42P UCC28C42DGK 100% 8.4V / 7.6V UCC28C43D UCC28C43P UCC28C43DGK 40°C to 105°C 7.0V / 6.6V UCC28C40D UCC28C40P UCC28C40DGK --40°C to 105°C 14.5V / 9.0V UCC28C44D UCC28C44P UCC28C44DGK 50% 8.4V / 7.6V UCC28C45D UCC28C45P UCC28C45DGK 7.0V / 6.6V UCC28C41D UCC28C41P UCC28C41DGK 14.5V / 9.0V UCC38C42D UCC38C42P UCC38C42DGK 100% 8.4V / 7.6V UCC38C43D UCC38C43P UCC38C43DGK 0°Cto70°C 7.0V / 6.6V UCC38C40D UCC38C40P UCC38C40DGK 0 C to 70 C 14.5V / 9.0V UCC38C44D UCC38C44P UCC38C44DGK 50% 8.4V / 7.6V UCC38C45D UCC38C45P UCC38C45DGK 7.0V / 6.6V UCC38C41D UCC38C41P UCC38C41DGK † D (SOIC--8) and DGK (MSOP--8) packages are available taped and reeled. Add R suffix to device type (e.g. UCC28C42DR) to order quantities of 2500 devices per reel. Tube quantities are 75 for D packages (SOIC--8) and 80 for DGK package (MSOP--8), and 50 for P package (PDIP-8). |
Similar Part No. - UCC28C44P |
|
Similar Description - UCC28C44P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |