Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-X6769_V Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # STR-X6769_V
Description  Off-Line Quasi-Resonant Switching Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-X6769_V Datasheet(HTML) 4 Page - Allegro MicroSystems

  STR-X6769_V Datasheet HTML 1Page - Allegro MicroSystems STR-X6769_V Datasheet HTML 2Page - Allegro MicroSystems STR-X6769_V Datasheet HTML 3Page - Allegro MicroSystems STR-X6769_V Datasheet HTML 4Page - Allegro MicroSystems STR-X6769_V Datasheet HTML 5Page - Allegro MicroSystems STR-X6769_V Datasheet HTML 6Page - Allegro MicroSystems STR-X6769_V Datasheet HTML 7Page - Allegro MicroSystems STR-X6769_V Datasheet HTML 8Page - Allegro MicroSystems STR-X6769_V Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SANKEN ELECTRIC CO., LTD.
Off-Line Quasi-Resonant Switching Regulators
STR-X6769
0
20
40
60
80
100
0
20
40
60
80
100 120
TF 〔℃〕
Internal frame temperature
STR-X6769
A.S.O. temperature derating coefficient
Curve
0.1
1
10
100
10
100
1000
VDS[V]
Drain-to-Source Voltage
STR-X6769
MOS FET A.S.O. Curve
0.1ms
1 ms
Determined by
On-Resistance
Apply A.S.O temperature
coefficient from the left graph
to this curve for evaluating
actual operations' safety
Ta=25℃
Single
pluse
0
20
40
60
80
100
25
50
75
100
125
150
Tch [
℃]
Channel temperature
STR-X6769
Avalanche energy derating curve
STR-X6769


Similar Part No. - STR-X6769_V

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6769B SANKEN-STR-X6769B Datasheet
101Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
More results

Similar Description - STR-X6769_V

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com