Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3907DWTRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # UC3907DWTRG4
Description  LOAD SHARE CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3907DWTRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC3907DWTRG4 Datasheet HTML 3Page - Texas Instruments UC3907DWTRG4 Datasheet HTML 4Page - Texas Instruments UC3907DWTRG4 Datasheet HTML 5Page - Texas Instruments UC3907DWTRG4 Datasheet HTML 6Page - Texas Instruments UC3907DWTRG4 Datasheet HTML 7Page - Texas Instruments UC3907DWTRG4 Datasheet HTML 8Page - Texas Instruments UC3907DWTRG4 Datasheet HTML 9Page - Texas Instruments UC3907DWTRG4 Datasheet HTML 10Page - Texas Instruments UC3907DWTRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UC1907, UC2907, UC3907
LOAD SHARE CONTROLLER
SLUS165C – MARCH 1999 - REVISED JANUARY 2002
7
www.ti.com
additional information (continued)
UDG-99053
12
5
11
15
16
8
9
13
1
14
7
10
6
4
3
2
+
VOLTAGE ERROR
AMPLIFIER
+
50 k Ω
20 k Ω
VCC
0–20 mA
ISOLATED
CONTROL
ISET
0–4 V
DIRECT
CONTROL
1.750 V
REF
+
VREFRANGE 2.0 V–2.1 V
GND
AMPLIFIER
0.250 V
+
CURRENT
SENSE
ADJ
COMP
+
+
+
CURRENT
SHARE
BUS
+
TO PWR
RETURN
ARTIFICIAL GND
FROM LOAD
( ) SENSE
(+) SENSE
C/S OUT
ADJ IN
50 mV
ADJUST AMPLIFIER
1.75 V
1.0 V
DRIVE
AMPLIFIER
PWR RET
VCC
VCC
REF
MODULE LOAD CURRENT
20X
MASTER
INDICATE
BUFFER
AMPLIFIER
UC3907
10 k Ω
Figure 2. Load System Connection Diagram
UDG-94105
Figure 3. UC3907 In a Load-Sharing Feedback Loop for an Off-Line Isolated Supply


Similar Part No. - UC3907DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3907 TI-UC3907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
More results

Similar Description - UC3907DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com