Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2902DG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2902DG4
Description  LOAD SHARE CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2902DG4 Datasheet(HTML) 1 Page - Texas Instruments

  UC2902DG4 Datasheet HTML 1Page - Texas Instruments UC2902DG4 Datasheet HTML 2Page - Texas Instruments UC2902DG4 Datasheet HTML 3Page - Texas Instruments UC2902DG4 Datasheet HTML 4Page - Texas Instruments UC2902DG4 Datasheet HTML 5Page - Texas Instruments UC2902DG4 Datasheet HTML 6Page - Texas Instruments UC2902DG4 Datasheet HTML 7Page - Texas Instruments UC2902DG4 Datasheet HTML 8Page - Texas Instruments UC2902DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UC2902
UC3902
SLUS232E − DECEMBER 19, 2002 − REVISED JULY 2011
LOAD SHARE CONTROLLER
1
www.ti.com
FEATURES
D 2.7-V to 20-V Operation
D 8-Pin Package
D Requires Minimum Number of External
Components
D Compatible with Existing Power Supply
Designs Incorporating Remote Output
Voltage Sensin
D Differential Share Bus
D Precision Current Sense Amplifier (40 Gain)
D UVLO (Undervoltage Lockout) Circuitry
D User Programmable Share Loop
Compensation
APPLICATIONS
D Paralelled Power Supplies
DESCRIPTION
The UC3902 load share controller is an 8-pin
device that balances the current drawn from
independent, paralleled power supplies. Load
sharing is accomplished by adjusting each
supplies’ output current to a level proportional to
the voltage on a share bus.
The master power supply, which is automatically
designated as the supply that regulates to the
highest voltage, drives the share bus with a
voltage proportional to its output current. The
UC3902 trims the output voltage of the other
paralleled supplies so that they each support their
share of the load current. Typically, each supply is
designed for the same current level although that
is not necessary for use with the UC3902. By
appropriately scaling the current sense resistor,
supplies with different output current capability
can be paralleled with each supply providing the
same percentage of their output current capability
for a particular load.
UDG−01141
1
3
2
4
8
6
7
5
+
R
40R
+
ADJ AMPLIFIER
BIAS
UVLO
+
+
+
SHARE SENSE AMPLIFIER
SHARE DRIVE AMPLIFIER
2.3 V
35 mV
+
0.6 V
+
CURRENT SENSE
AMPLIFIER
ERROR AMPLIFIER
GND
SENSE
ADJ
ADJR
VCC
SHARE+
SHARE−
COMP
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002 − 2008, Texas Instruments Incorporated


Similar Part No. - UC2902DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2902 TI-UC2902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
More results

Similar Description - UC2902DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com