Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2907DWTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC2907DWTR
Description  LOAD SHARE CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2907DWTR Datasheet(HTML) 4 Page - Texas Instruments

  UC2907DWTR Datasheet HTML 1Page - Texas Instruments UC2907DWTR Datasheet HTML 2Page - Texas Instruments UC2907DWTR Datasheet HTML 3Page - Texas Instruments UC2907DWTR Datasheet HTML 4Page - Texas Instruments UC2907DWTR Datasheet HTML 5Page - Texas Instruments UC2907DWTR Datasheet HTML 6Page - Texas Instruments UC2907DWTR Datasheet HTML 7Page - Texas Instruments UC2907DWTR Datasheet HTML 8Page - Texas Instruments UC2907DWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UC1907, UC2907, UC3907
LOAD SHARE CONTROLLER
SLUS165C – MARCH 1999 - REVISED JANUARY 2002
4
www.ti.com
electrical characteristics, these specifications apply for TA = –55°C to 125°C for UC1907, –40°C to
85
°C for UC2907, and 0°C to 70°C for UC3907, VIN = 15 V, TA = TJ (unless otherwise stated )
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current Amp Section
Gain
VCM = 0.0 V,
VID = 50 mV to 100 mV
19.2
19.6
20.1
V/V
O tp t oltage
VC/S (+) = VC/S (–) = 0.0 V, TA = 25°C
210
250
290
mV
Output voltage
VC/S (+) = VC/S (–) = 0.0 V, over temp
180
250
330
mV
Input offset change with common mode
input
VCM = 0 V to 13 V
600
µV/V
VOUT high
VID = 1 V
10
14.5
V
VOUT low
VID = – 1 V,
IL = 1 mA
350
450
mV
Power supply rejection ratio
VIN = 4.5 V to 35 V,
VCM = 0.0 V
60
dB
Slew rate
0.4
V/
µs
Drive Amp Section RSET = 500 Ω to Artificial GND, Opto Drive = 15 V
Voltage gain
COMP = 0.5 V to 1 V
2.3
2.5
2.6
V/V
ISET VOUT high
(+) SENSE = 2.2 V
3.8
4.1
4.4
V
ISET VOUT low
(+) SENSE = 1.8 V
270
300
mV
Opto out voltage range
4
35
V
Zero current input threshold
1.55
1.65
1.75
V
Buffer Amp Section
Input offset voltage
Input = 1 V
5
mV
Output off impedance
Input = 1 V,
output = 1.5 V to 2 V
5
10
20
k
Output source current
Input = 1 V,
output = 0.5 V
6
15
mA
Common mode rejection ratio
VCM = 0.3 V to 10 V
70
dB
Power supply rejection ratio
VIN = 4.5 V to 35 V
70
dB
Under Voltage Lockout Section
Startup threshold
3.7
4.4
V
Threshold hysteresis
200
mV
Status Indicate Section
VOUT low
ADJ OUT = current share bus
0.2
0.5
V
Output leakage
ADJ OUT = 1 V,
VOUT = 35 V
0.1
5
µA
Total Stand by Current Section
Startup current
VIN = UVLO – 0.2 V
3
5
mA
Operating current
VIN = 35 V
6
10
mA
NOTE 1: Unless otherwise specified all voltages are with respect to (–) SENSE. Currents are positive into, negative out of the specified terminal.
NOTE 2: Ensured by design. Not production tested.


Similar Part No. - UC2907DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2907 TI-UC2907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
More results

Similar Description - UC2907DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com