Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28C41DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC28C41DRG4
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C41DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28C41DRG4 Datasheet HTML 1Page - Texas Instruments UCC28C41DRG4 Datasheet HTML 2Page - Texas Instruments UCC28C41DRG4 Datasheet HTML 3Page - Texas Instruments UCC28C41DRG4 Datasheet HTML 4Page - Texas Instruments UCC28C41DRG4 Datasheet HTML 5Page - Texas Instruments UCC28C41DRG4 Datasheet HTML 6Page - Texas Instruments UCC28C41DRG4 Datasheet HTML 7Page - Texas Instruments UCC28C41DRG4 Datasheet HTML 8Page - Texas Instruments UCC28C41DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45
UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45
SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010
4
www.ti.com
electrical characteristics VDD = 15 V (See Note 1), RT =10kΩ,CT =3.3 nF,CVDD =0.1μF and no load
on the outputs, TA =--40°C to 105°C for the UCC28C4x and TA =0°Cto70°C for the UCC38C4x,
TA =TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Section
VOUT low (RDS(on) pull-down)
ISINK = 200 mA
5.5
15
VOUThigh (RDS(on) pull-up)
ISOURCE = 200 mA
10
25
Rise tIme
TA =25°C,
CLOAD =1nF
25
50
ns
Fall time
TA =25°C,
CLOAD =1nF
20
40
ns
Undervoltage Lockout Section
UCC38C42, UCC38C44
13.5
14.5
15.5
Start threshold
UCC38C43, UCC38C45
7.8
8.4
9.0
Start threshold
UCC38C40, UCC38C41
6.5
7.0
7.5
V
UCC38C42, UCC38C44
8
9
10
V
Minimum operating voltage
UCC38C43, UCC38C45
7.0
7.6
8.2
Minimum operating voltage
UCC38C40, UCC38C41
6.1
6.6
7.1
PWM Section
Maximum duty cycle
UCC38C42, UCC38C43, UCC38C40, VFB <2.4 V
94%
96%
Maximum duty cycle
UCC38C44, UCC38C45, UCC38C41, VFB <2.4 V
47%
48%
Minimum duty cycle
VFB >2.6 V
0%
Current Supply Section
Start-up current (ISTART-UP)
VDD = Undervoltage lockout start threshold (--0.5 V)
50
100
μA
Operating supply current (IDD)
VFB =VCS =0V
2.3
3.0
mA
NOTE 1:
Adjust VDD above the start threshold before setting at 15 V.
1
2
3
4
8
7
6
5
COMP
FB
CS
RT/CT
VREF
VDD
OUT
GND
PDIP (P) or SOIC (D) PACKAGE
(TOP VIEW)
MSOP (DGK) PACKAGE
(TOP VIEW)
VREF
VDD
OUT
GND
8
7
6
5
1
2
3
4
COMP
FB
CS
RT/CT


Similar Part No. - UCC28C41DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41DRG4 TI1-UCC28C41DRG4 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC28C41DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com