Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2855AN Datasheet(PDF) 6 Page - Texas Instruments

Part # UC2855AN
Description  High Performance Power Factor Preregulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2855AN Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC2855AN Datasheet HTML 2Page - Texas Instruments UC2855AN Datasheet HTML 3Page - Texas Instruments UC2855AN Datasheet HTML 4Page - Texas Instruments UC2855AN Datasheet HTML 5Page - Texas Instruments UC2855AN Datasheet HTML 6Page - Texas Instruments UC2855AN Datasheet HTML 7Page - Texas Instruments UC2855AN Datasheet HTML 8Page - Texas Instruments UC2855AN Datasheet HTML 9Page - Texas Instruments UC2855AN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
UC2855A/B
UC3855A/B
VAO: This is the output of the voltage amplifier. At a
given input RMS voltage, the voltage on this pin will vary
directly with the output load. The output swing is limited
from approximately 100mV to 6V. Voltage levels below
1.5V on this pin will inhibit the multiplier output.
VCC: Positive supply rail for the IC. Bypass this pin to
GND with a 1
µF low ESL, ESR ceramic capacitor. This
pin is internally clamped to 20V. Current into this clamp
should be limited to less than 10mA. The UC3855A has a
15.5V (nominal) turn on threshold with 6 volts of hyster-
esis while the UC3855B turns on at 10.5V with 500mV of
hysteresis.
VRMS: This pin is the feedforward line voltage compen-
sation input to the multiplier. A voltage on VRMS propor-
tional to the AC input RMS voltage commands the
multiplier to alter the current command signal by
1/VRMS
2 to maintain a constant power balance. The in-
put to VRMS is generally derived from a two pole low
pass filter/voltage divider connected to the rectified AC
input voltage. This feature allows universal input supply
voltage operation and faster response to input line fluc-
tuations for the PFC boost preregulator. For most de-
signs, a voltage level of 1.5V on this pin should
correspond to low line, and 4.7V for high line. The input
range for this pin extends from 0 to 5.5V.
VSENSE: This pin is the inverting input of the voltage
amplifier and serves as the output voltage feedback point
for the PFC boost converter. It senses the output voltage
through a voltage divider which produces a nominal 3V.
The voltage loop compensation is normally connected
between this pin and VAO. The VSENSE pin must be
above 1.5V at 25°C, (1.9V at –55°C) for the current syn-
thesizer to work properly.
ZVS: This pin senses when the drain voltage of the main
MOSFET switch has reached approximately zero volts,
and resets the ZVT latch via the ZVT comparator. A mini-
mum and maximum ZVTOUT pulse width are program-
mable from this pin. To directly sense the
≈400V drain
voltage of the main switch, a blocking diode is connected
between ZVS and the high voltage drain. When the drain
reaches 0V, the level on ZVS is
≈0.7V which is below the
2.6V ZVT comparator threshold. The maximum ZVTOUT
pulse width is approximately equal to the oscillator blank-
ing period time.
ZVTOUT: The output of the ZVT block is a 750mA peak
totem pole MOSFET gate driver on ZVTOUT. Since the
ZVT MOSFET switch is typically 3X smaller than the
main switch, less peak current is required from this out-
put. Like GTOUT, a series gate resistor and Schottky di-
ode to GND are recommended. This pin may also be
used as a high current synchronization output driver.
PIN DESCRIPTIONS (cont.)
For more information see Unitrode Applications Note U-153.
Frequency
kHz
Phase
Margin
degrees
Open-Loop
Gain
dB
-20
0
20
40
60
80
100
120
0.1
1
10
100
1000
10000
Figure 2. Voltage Amplifier Gain Phase vs Frequency
log f
-60
-40
-20
0
20
40
60
0
80
-45
Phase
Degrees
100
-90
120
10kHz
1MHz
10MHz
100kHz
Gain
Phase
5.992 496 516 MHz
Figure 1. Current Amplifier Frequency Response


Similar Part No. - UC2855AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2855AN TI-UC2855AN Datasheet
493Kb / 12P
[Old version datasheet]   High Performance Power Factor Preregulator
More results

Similar Description - UC2855AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2855A TI-UC2855A Datasheet
493Kb / 12P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com