Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3907N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3907N
Description  LOAD SHARE CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3907N Datasheet(HTML) 2 Page - Texas Instruments

  UC3907N Datasheet HTML 1Page - Texas Instruments UC3907N Datasheet HTML 2Page - Texas Instruments UC3907N Datasheet HTML 3Page - Texas Instruments UC3907N Datasheet HTML 4Page - Texas Instruments UC3907N Datasheet HTML 5Page - Texas Instruments UC3907N Datasheet HTML 6Page - Texas Instruments UC3907N Datasheet HTML 7Page - Texas Instruments UC3907N Datasheet HTML 8Page - Texas Instruments UC3907N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UC1907, UC2907, UC3907
LOAD SHARE CONTROLLER
SLUS165C – MARCH 1999 - REVISED JANUARY 2002
2
www.ti.com
block diagram
11
14
10
13
8
9
12
15
16
7
5
4
1
6
3
2
2 k
2 k
+
40 k
40 k
CURRENT SENSE
AMPLIFIER
100
+
BUFFER
AMPLIFIER
+
50 mV
ADJUST
AMPLIFIER
ADJ
V
CC
1 k
V
REF
1.75 V
+
GROUND
AMPLIFIER
0.25 V
GND
+
50 k
20 k
1.0 V
1.75 V
VOLTAGE ERROR AMPLIFIER
STATUS INDICATE
CURRENT SHARE BUS
ADJ INPUT
ADJ OUT
ISET
OPTO DRIVE
COMP
(+) SENSE
VCC (4.5 V TO 35 V)
(–) SENSE
POWER RTN
ARTIFICIAL GND
VREF
C/S OUT
C/S (–)
C/S (+)
DRIVE
AMPLIFIER
+
DRV
10 kΩ
17.5 k
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Opto out voltage
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Opto out current
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Status indicate sink current
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
C/S input voltage
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Share bus voltage
–0.3 V to 35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Other analog inputs and outputs (zener clamped) maximum forced voltage
–0.3 V to10 V
. . . . . . . . . . . . . . . .
Other analog inputs and outputs (zener clamped) maximum forced current
±10 mA
. . . . . . . . . . . . . . . . . . . . .
Ground amp sink current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pins 1, 9, 12, 15 sink current
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (solder 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Pin Nos. refer to 16 Pin DIL Package.
‡ Currents are positive into, negative out of the specified terminal. Consult packaging section of databook for thermal limitations and considerations
of package.


Similar Part No. - UC3907N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3907 TI-UC3907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
More results

Similar Description - UC3907N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com