Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3906J Datasheet(PDF) 8 Page - Texas Instruments

Part # UC3906J
Description  Sealed Lead-Acid Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3906J Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC3906J Datasheet HTML 4Page - Texas Instruments UC3906J Datasheet HTML 5Page - Texas Instruments UC3906J Datasheet HTML 6Page - Texas Instruments UC3906J Datasheet HTML 7Page - Texas Instruments UC3906J Datasheet HTML 8Page - Texas Instruments UC3906J Datasheet HTML 9Page - Texas Instruments UC3906J Datasheet HTML 10Page - Texas Instruments UC3906J Datasheet HTML 11Page - Texas Instruments UC3906J Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC2906DW
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2906DWG4
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2906DWTR
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2906DWTRG4
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2906N
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC2906NG4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC2906Q
ACTIVE
PLCC
FN
20
46
Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UC2906QG3
ACTIVE
PLCC
FN
20
46
Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UC3906DW
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3906DWG4
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3906DWTR
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3906DWTRG4
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3906J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
UC3906N
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC3906NG4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC3906Q
ACTIVE
PLCC
FN
20
46
Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UC3906QG3
ACTIVE
PLCC
FN
20
46
Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UC3906QTR
ACTIVE
PLCC
FN
20
1000 Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UC3906QTRG3
ACTIVE
PLCC
FN
20
1000 Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
PACKAGE OPTION ADDENDUM
www.ti.com
4-May-2009
Addendum-Page 1


Similar Part No. - UC3906J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3906J TI-UC3906J Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results

Similar Description - UC3906J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
PSC-6500A-C POWER-SONIC-PSC-6500A-C Datasheet
335Kb / 1P
   Sealed Lead Acid Battery Charger
PSC-124000A-C POWER-SONIC-PSC-124000A-C Datasheet
337Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Silver Telecom 2019
AG103 SILVERTEL-AG103 Datasheet
459Kb / 19P
   Intelligent Sealed Lead Acid Solar Battery Charger
logo
Power Sonic Corporation
PSC-121000A-C POWER-SONIC-PSC-121000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger A-C Battery Charger Series
logo
Silver Telecom 2019
AG102 SILVERTEL-AG102 Datasheet
287Kb / 15P
   Intelligent Sealed Lead Acid Battery Charger Module
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com