Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2879J Datasheet(PDF) 5 Page - Texas Instruments

Part # UC2879J
Description  PHASE SHIFT RESONANT CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2879J Datasheet(HTML) 5 Page - Texas Instruments

  UC2879J Datasheet HTML 1Page - Texas Instruments UC2879J Datasheet HTML 2Page - Texas Instruments UC2879J Datasheet HTML 3Page - Texas Instruments UC2879J Datasheet HTML 4Page - Texas Instruments UC2879J Datasheet HTML 5Page - Texas Instruments UC2879J Datasheet HTML 6Page - Texas Instruments UC2879J Datasheet HTML 7Page - Texas Instruments UC2879J Datasheet HTML 8Page - Texas Instruments UC2879J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
(2)
Phase shift percentage (0% = 0 , 100% = 180 ) is defined as
200
%
T
q =
f
UC1879
UC2879
UC3879
SLUS230B – JUNE 1998 – REVISED JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
Unless specified; VC = VIN = V
UVSEL = 12 V, CT = 470 pF, RT = 9.53k, RDELSETA-B = RDELSEC-D = 4.8k, CDELSETA-B = CDELSETC-D
= 0.01
µF, T
A = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM Comparator
RAMP offset voltage
TJ = 25°C(1)
1.1
1.25
1.4
V
VCOMP> VRAMPpeak+ VRAMPoffset
98%
99.7%
102%
PWM phase shift,
TDELSETA-B, TDELSETC-D = 0(2)
VCOMP < Zero Phase Shift Voltage
0%
0.3%
2%
VCOMP> VRAMPpeak + VRAMPoffset
10
Output skew,
TDELSETA-B, TDELSETC-D = 0(2)
VCOMP < Zero Phase Shift Voltage
10
ns
UC3879, UC2879
115
250
Ramp to output delay,
TDELSETA-B = 0, TDELSETC-D = 0
UC1879
115
300
Oscillator
Initial accuracy
TA = 25°C
180
200
220
kHz
Voltage stability
11 V < VIN < 18 V
1
2
%
Total variation
Line, Temperature
160
200
240
kHz
CLKSYNC threshold
2.3
2.5
2.7
Clock out high
2.8
4
V
Clock out low
0.5
1
1.5
Clock out pulse width
400
600
ns
Ramp valley voltage
0.2
0.4
V
Ramp peak voltage
2.8
2.9
3.2
Current Limit
Input bias
VCS = 3 V
2
10
µA
Threshold voltage
2.35
2.5
2.65
V
Delay to OUTA, B, C, D
160
300
ns
Cycle-by-Cycle Current Limit
Input bias
VCS = 2.2 V
2
10
µA
Threshold voltage
1.85
2
2.15
V
Delay to output zero phase
110
300
ns
(1)
Ramp offset voltage has a temperature coefficient of about –4 mV/
°C.
where is the phase shift, and and T are defined in Figure 1. At 0% phase shift, is the output skew.
5
Submit Documentation Feedback


Similar Part No. - UC2879J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2879 TI-UC2879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
More results

Similar Description - UC2879J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com