Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA7815CKCS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UA7815CKCS
Description  FIXED POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA7815CKCS Datasheet(HTML) 3 Page - Texas Instruments

  UA7815CKCS Datasheet HTML 1Page - Texas Instruments UA7815CKCS Datasheet HTML 2Page - Texas Instruments UA7815CKCS Datasheet HTML 3Page - Texas Instruments UA7815CKCS Datasheet HTML 4Page - Texas Instruments UA7815CKCS Datasheet HTML 5Page - Texas Instruments UA7815CKCS Datasheet HTML 6Page - Texas Instruments UA7815CKCS Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 08-Mar-12
3
Document Number: 28535
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) 15th digit of the clear text code number to be completed with the packaging code.
(2) Coating extension DR valid for straight leads only.
• Straight leads are available on request.
LEADSPACING 5.0 mm and 7.5 mm
LEADSPACING 10.0 mm
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel in ammopack.
STRAIGHT LEADS
ORDERING INFORMATION
C (pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
DMAX.
(mm)
BODY
THICKNESS
TMAX.
(mm)
LEAD
SPACING
F
(mm)
COATING
EXTENSION
DRMAX. (2)
(mm)
CLEAR TEXT CODE
15TH DIGIT:
T = REEL; U = AMMO; 3 = BULK (1)
RoHS COMPLIANT
RoHS AND
HALOGEN-FREE
VY2 for leadspacing 10.0 mm
2600 VAC, 50 Hz, 2 s
10
± 10
U2J (N750)
7.5
5.0
10.0
3.0
VY2100K29U2JS6*V0
VY2100K29U2JG6*V0
15
VY2150K29U2JS6*V0
VY2150K29U2JG6*V0
22
VY2220K29U2JS6*V0
VY2220K29U2JG6*V0
33
VY2330K29U2JS6*V0
VY2330K29U2JG6*V0
47
VY2470K29U2JS6*V0
VY2470K29U2JG6*V0
68
Y5S (2C3)
VY2680K29Y5SS6*V0
VY2680K29Y5SG6*V0
100
VY2101K29Y5SS6*V0
VY2101K29Y5SG6*V0
150
VY2151K29Y5SS6*V0
VY2151K29Y5SG6*V0
220
VY2221K29Y5SS6*V0
VY2221K29Y5SG6*V0
330
VY2331K29Y5SS6*V0
VY2331K29Y5SG6*V0
470
VY2471K29Y5SS6*V0
VY2471K29Y5SG6*V0
680
± 20
Y5U (2E3)
VY2681M29Y5US6*V0
VY2681M29Y5UG6*V0
1000
VY2102M29Y5US6*V0
VY2102M29Y5UG6*V0
1500
8.0
VY2152M31Y5US6*V0
VY2152M31Y5UG6*V0
2200
9.0
VY2222M35Y5US6*V0
VY2222M35Y5UG6*V0
3300
10.5
VY2332M41Y5US6*V0
VY2332M41Y5UG6*V0
3900
11.0
VY2392M43Y5US6*V0
VY2392M43Y5UG6*V0
4700
12.5
VY2472M49Y5US6*V0
VY2472M49Y5UG6*V0
6800
14.5
VY2682M59Y5US63V0
VY2682M59Y5UG63V0
0.01 μF
16.0
VY2103M63Y5US63V0
VY2103M63Y5UG63V0
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
DMAX.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 4700 pF
29 to 49
12.5
1000
1000
1000
6800 pF to 0.01 μF
59 to 63
16.0
500
-
-
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
DMAX.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 4700 pF
29 to 49
12.5
1000
500
750
6800 pF to 0.01 μF
59 to 63
16.0
500
500
750
D max.
F
d = 0.6 mm
coating
extension
DR
3.0 max.
30 mm to 5.0 mm (
ΔR)
T max.


Similar Part No. - UA7815CKCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7815CKCS TI-UA7815CKCS Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7815CKCS TI-UA7815CKCS Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7815CKCS TI1-UA7815CKCS Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7815CKCS TI-UA7815CKCS Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7815CKCS TI1-UA7815CKCS Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results

Similar Description - UA7815CKCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com