Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1844AMDREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC1844AMDREP
Description  CURRENT-MODE PWM CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1844AMDREP Datasheet(HTML) 6 Page - Texas Instruments

  UC1844AMDREP Datasheet HTML 1Page - Texas Instruments UC1844AMDREP Datasheet HTML 2Page - Texas Instruments UC1844AMDREP Datasheet HTML 3Page - Texas Instruments UC1844AMDREP Datasheet HTML 4Page - Texas Instruments UC1844AMDREP Datasheet HTML 5Page - Texas Instruments UC1844AMDREP Datasheet HTML 6Page - Texas Instruments UC1844AMDREP Datasheet HTML 7Page - Texas Instruments UC1844AMDREP Datasheet HTML 8Page - Texas Instruments UC1844AMDREP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94083
6
Revision: 08-Apr-10
VS-MURB2020CTPbF, VS-MURB2020CT-1PbF
Vishay High Power Products
Ultrafast Rectifier,
2 x 10 A FRED Pt®
ORDERING INFORMATION TABLE
2
-
Ultrafast MUR series
3
-
B = D2PAK/TO-262
4
-
Current rating (20 = 20 A)
5
-
Voltage rating (20 = 200 V)
6
-
CT = Center tap (dual) TO-220/D2PAK/TO-262
7
-
-1 = TO-262
None = D2PAK
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented, for D2PAK package)
9
-
PbF = Lead (Pb)-free
P = Lead (Pb)-free (for D2PAK TRR and TRL)
TRR = Tape and reel (right oriented, for D2PAK package)
Device code
5
1
3
24
67
8
9
VS- MUR
B
20
20
CT
-1
TRL PbF
1
-
HPP product suffix
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032


Similar Part No. - UC1844AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1844AMDREP TI-UC1844AMDREP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UC1844AMDREP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com