Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS6652 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPS6652
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS6652 Datasheet(HTML) 5 Page - Motorola, Inc

  MPS6652 Datasheet HTML 1Page - Motorola, Inc MPS6652 Datasheet HTML 2Page - Motorola, Inc MPS6652 Datasheet HTML 3Page - Motorola, Inc MPS6652 Datasheet HTML 4Page - Motorola, Inc MPS6652 Datasheet HTML 5Page - Motorola, Inc MPS6652 Datasheet HTML 6Page - Motorola, Inc MPS6652 Datasheet HTML 7Page - Motorola, Inc MPS6652 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NPN MPS6601 MPS6602 PNP MPS6651 MPS6652
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 14. Base–Emitter Temperature
Coefficient
Figure 15. Base–Emitter Temperature
Coefficient
Figure 16. Safe Operating Area
Figure 17. Safe Operating Area
Figure 18. MPS6601/6602 Saturation Region
Figure 19. MPS6651/6652 Saturation Region
100
1000
1.0
IC, COLLECTOR CURRENT (mA)
–0.8
–1.2
–1.6
–2.0
–2.4
–2.8
IC, COLLECTOR CURRENT (mA)
–100
–1000
–1.0
–1.2
–1.6
–2.0
–2.4
–2.8
10
1.0
VCE, COLLECTOR–EMITTER VOLTAGE
500
200
100
50
20
10
VCE, COLLECTOR–EMITTER VOLTAGE
–10
–40
–1.0
–500
–200
–100
–50
–20
–10
–20
20
0.1
10
0.01
IB, BASE CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
IB, BASE CURRENT (mA)
–0.1
–100
–0.01
–1.0
–0.8
–0.6
–0.4
–0.2
0
–1.0
1.0
TJ = 25°C
NPN
PNP
10
RqVB for VBE
–10
–0.8
RqVB for VBE
–2.0
–5.0
–1 k
2.0
5.0
40
1 k
–10
100
IC =
100 mA
IC =
50 mA
IC =
250 mA
IC =
500 mA
IC =
1000 mA
IC =
10 mA
TJ = 25°C
IC =
–100 mA
IC =
–50 mA
IC =
–250 mA
IC =
–500 mA
IC =
–1000 mA
IC =
–10 mA
1.0 MS
1.0 s
TC = 25°C
MPS6601
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPS6602
1.0 MS
1.0 s
TC = 25°C
MPS6651
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPS6652


Similar Part No. - MPS6652

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS6652 ONSEMI-MPS6652 Datasheet
79Kb / 8P
   Amplifier Transistors
June, 2006 ??Rev. 4
MPS6652 ONSEMI-MPS6652 Datasheet
91Kb / 7P
   Amplifier Transistors
April, 2007 ??Rev. 5
logo
Central Semiconductor C...
MPS6652 CENTRAL-MPS6652 Datasheet
82Kb / 2P
   COMPLEMENTARY HIGH CURRENT AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS6652G ONSEMI-MPS6652G Datasheet
79Kb / 8P
   Amplifier Transistors
June, 2006 ??Rev. 4
MPS6652G ONSEMI-MPS6652G Datasheet
91Kb / 7P
   Amplifier Transistors
April, 2007 ??Rev. 5
More results

Similar Description - MPS6652

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com